Electronic Components Datasheet Search
  English  ▼

X  

D2X Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D2X
Description  Detection Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D2X Datasheet(HTML) 2 Page - Omron Electronics LLC

  D2X Datasheet HTML 1Page - Omron Electronics LLC D2X Datasheet HTML 2Page - Omron Electronics LLC D2X Datasheet HTML 3Page - Omron Electronics LLC D2X Datasheet HTML 4Page - Omron Electronics LLC D2X Datasheet HTML 5Page - Omron Electronics LLC D2X Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
42
Detection Switch
D2X
Engineering Data
■ Contact Specifications
Note: Minimum applicable loads are indicated by N standard
reference values. This value represents the failure rate at a
60% (
λ
60) reliability level (JIS C5003).
The equation
λ
60=0.5 x 10
-6/operations indicates that a failure
rate of 1/2,000,000 operations can be expected at a reliability
level of 60%.
■ Contact Form
■ Panel Mounting Holes
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.1 mm applies to all dimensions
2. The tolerance from the center of each hole is
±0.07
3. Make sure that any burrs are located on the backside of the mounting plate
Dimensions
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions.
2. The operating characteristics are for cases where the actuator operates in the A (
←) direction or B (→) direction.
Item
Specification
Specification
Slide
Material
Gold plated
Minimum applicable load
(see note)
1 mA at 5 VDC
With 1.6 mm panel thickness
4.4
Eight, 1R
4.8
12.9
8
±0.1
3.5
dia.
4
2.7
±0.1
Two, 0.6R
Two, 0.6R
Two,
0.5R
5.2
Four, 1R
4.9
5
Two,
0.5R
3.2 +0.1
–0
dia.
3.2
+0.1
–0
10.8
+0.8
–0
With 1.2 mm panel thickness
3.4
4.4
Two, 0.5R
Two, 0.6R
12.2
5
Two, 0.6R
Two, 0.5R
Two,
1.6R
1.8
3.2
±0.05 dia.
3.2
±0.05 dia.
10.8
+0.8
–0
1.55
15
8
11.9
1
1.6
6
3.3
0.4
(17)
12.2
3.8
4.8
(0.2)
*
Two, 3.1 dia.
Hub on back side
Center of two, 3.1-dia. holes
Direction A
TTP
Stroke measurement reference
position Direction B: 2
±0
OP max.
*Use AMP’s CT Connector
type 173977-2.
ON
OFF
Total travel position
6.34 min.
Total stroke of actuator (mm)
Center Line
Direction A
Stroke measurement reference
position Direction A: 2
±0
Direction B
0.52 min.
0.52 min.
Total travel position
6.34 min.
2.35 max.
2.35 max.
OP min.
Direction B
5.1
5.8
5.3
6.2
D2X-C
OF
50 g
RF min.
2 g
OP
2° to 9° max. or 0.52 to 2.35 mm
TTP max.
25° or 6.34 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com