Electronic Components Datasheet Search
  English  ▼

X  

D3D Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D3D
Description  Miniature Door Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3D Datasheet(HTML) 1 Page - Omron Electronics LLC

  D3D Datasheet HTML 1Page - Omron Electronics LLC D3D Datasheet HTML 2Page - Omron Electronics LLC D3D Datasheet HTML 3Page - Omron Electronics LLC D3D Datasheet HTML 4Page - Omron Electronics LLC D3D Datasheet HTML 5Page - Omron Electronics LLC D3D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Miniature Door Switch
D3D
49
Miniature Door Switch
D3D
Unique Mechanism Allows Switching of
Micro Loads
• Choose from plunger or lever actuators.
• The internal structure of plunger models provides
temporary sealing at the free position.
• Low operating force of 204 g max.
• Disconnectable crimp connector for easier wiring.
• High contact reliability ensured with gold crossbar contacts.
• Low noise operation.
• RoHS Compliant.
Ordering Information
Model Number Legend
Specifications
■ Characteristics
Note: 1. Data shown are of initial value.
2. The contacts do not open or close for more than 1 ms.
Actuator
Contact form
SPDT
SPST-NC
SPST-NO
Plunger
D3D-111
D3D-121
D3D-131
Lever
D3D-211
D3D-221
D3D-231
Operating speed
7.5 to 500 mm/s
Operating frequency
Mechanical: 120 operations/minute, max.
Electrical: 20 operations/minute, max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
100 m
Ω max.
Dielectric strength
1,000 VAC. 50/60 Hz for 1 min between terminals of the same polarity
1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and ground, and between
each terminal and non-current-carrying metal parts
Vibration resistance (See note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (See note 2)
Destruction: 490 m/s2 max.
Malfunction: 300 m/s2 max.
Degree of protection
IP00 (IP40 for pin plunger models, when at the free position)
Degree of protection against electric shock D3D-1 models (plunger models): Class II
D3D-2 models (lever models): Class 0
Proof tracking index (PTI)
600
Ambient operating temperature
-30
°C to 60°C (with no icing)
Ambient operating humidity
85% max.
Life expectancy
Mechanical: 300,000 operations min. (60 operations per minute)
Electrical:
100,000 operations min. (20 operations per minute)
Weight
Approx. 4 g
D3D -
1
1.
Actuator
1:
Plunger
2:
Lever
2.
Contact Form
1:
SPDT
2:
SPST-NC
3:
SPST-NO
2
1


Similar Part No. - D3D

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3D OMRON-D3D Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
D3D-111 OMRON-D3D-111 Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
D3D-113 OMRON-D3D-113 Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
D3D-121 OMRON-D3D-121 Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
D3D-123 OMRON-D3D-123 Datasheet
420Kb / 3P
9mm long stroke with its unique mechanism (plunger model)
More results

Similar Description - D3D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D4DS ETC1-D4DS Datasheet
1Mb / 12P
Safety-Door Switch
logo
Omron Electronics LLC
D4BL OMRON-D4BL Datasheet
214Kb / 12P
Guard Lock Safety-door Switch
D4BS OMRON-D4BS Datasheet
207Kb / 9P
Safety-door Switch
D2D OMRON-D2D Datasheet
937Kb / 8P
Door Interlock Switch
D2T OMRON-D2T_1 Datasheet
388Kb / 6P
Door Interlock Switch
D3DC OMRON-D3DC Datasheet
529Kb / 6P
Miniature Door Switch
D4NL OMRON-D4NL Datasheet
2Mb / 18P
Guard Lock Safety-door Switch
logo
Cherry Semiconductor Co...
D364-V1AA CHERRY-D364-V1AA Datasheet
555Kb / 2P
miniature switch
logo
Omron Electronics LLC
D40B OMRON-D40B Datasheet
706Kb / 10P
Compact Non-contact Door Switch
logo
Highly Electric Co., Lt...
EK-1-15-F HIGHLY-EK-1-15-F Datasheet
2Mb / 4P
EK SERIES SAFETY DOOR SWITCH
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com