Electronic Components Datasheet Search
  English  ▼

X  

D3D Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D3D
Description  Miniature Door Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3D Datasheet(HTML) 3 Page - Omron Electronics LLC

  D3D Datasheet HTML 1Page - Omron Electronics LLC D3D Datasheet HTML 2Page - Omron Electronics LLC D3D Datasheet HTML 3Page - Omron Electronics LLC D3D Datasheet HTML 4Page - Omron Electronics LLC D3D Datasheet HTML 5Page - Omron Electronics LLC D3D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Miniature Door Switch
D3D
51
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The operating characteristics are for operation in the A direction (indicated by the arrow)
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Mounting
This product does not have waterproof or drip-proof construction.
Ensure that water does not enter the switch interior. In particular, do
not use the switch in locations where water may be spilled or flow
over the switch. Doing so may result in deterioration of the insulation.
Wiring
Do not use the switch with a large force applied to the connector or
lead wire. Doing so may result in rattling or contact failure.
Storage Environment
Storing the switch in a plastic bag will help prevent discoloration due
to sulfuration of the (silver-plated) terminals.
Do not use the switch in locations subject to harmful gases or to high
temperatures or humidity levels. Depending on the location, it is rec-
ommended that switches be inspected between 3 and 6 months after
the date of manufacture.
Micro Loads
Even when using the switch within the operating range, if there are
inrush currents or surges, it may decrease the durability of the
switch. If necessary, insert a contact protection circuit.
Connectors
The terminals connect to JST’s HL Connector.
The HL Connector consists of the following components.
Contact: SSF-21T-P1.4
Housing: HLP-03V
Omron does not sell the HL Connector.
Contact J.S.T. Manufacturing Co. for these connectors.
■ Cautions
Handling
Do not expose the switch to shocks, such as by dropping it. Doing so
may damage or deform the switch.
Do not apply lubrication to the sliding parts, such as pushbuttons or
actuators. Doing so may result in faulty operation or contact failure.
In order to ensure stable contact force for NO contacts, use an
operating stroke of at least 5 mm.
10
11
6
15.7
±0.5
15
5.5
3
2
1.5
9
±0.5
R1
2
(90
°)
A
Lever Models
D3D-211
D3D-221
D3D-231
OP2
(See
note.)
OP1
(See
note.)
Note: The dimensions OP1 and OP2 apply to the D3D-211 only. The D3D-221
and D3D-231 are SPST-NC and SPST-NO respectively and so therefore
have only one corresponding dimension here (OP).
25
11.4
15
Type
Model
Lever model
D3D-211
D3D-221
D3D-231
OF max.
204 gf
TTF max.
357 gf
TT
9.7 mm (reference value)
OP min.
OP1
(NC-OFF)
13 mm
13 mm
11.5 mm
OP2
(NO-ON)
11.5 mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com