Electronic Components Datasheet Search
  English  ▼

X  

D3SH Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D3SH
Description  Surface Mount Detection Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH Datasheet(HTML) 1 Page - Omron Electronics LLC

  D3SH Datasheet HTML 1Page - Omron Electronics LLC D3SH Datasheet HTML 2Page - Omron Electronics LLC D3SH Datasheet HTML 3Page - Omron Electronics LLC D3SH Datasheet HTML 4Page - Omron Electronics LLC D3SH Datasheet HTML 5Page - Omron Electronics LLC D3SH Datasheet HTML 6Page - Omron Electronics LLC D3SH Datasheet HTML 7Page - Omron Electronics LLC D3SH Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Surface Mount Detection Switch
D3SH
63
Surface Mount Detection Switch
D3SH
The smallest detection switch in the
world. (OMRON’s data as of June 2006.)
• Ultra small size and ultra low profile contributing to
down-sizing of sets devices. (3.0 x 3.4 x 0.9 mm (W x D x H))
• A unique mechanism enables high contact reliability and
high precision operation.
• Horizontal 2-way detection and long stroke for easy
installation are available.
• Meet a variety of applications by contact and lever
variations.
Ordering Information
Standard Lever Models
Note: Minimum packing unit is 1,000 pcs./reel.
Long Lever Models
Note: Minimum packing unit is 1,000 pcs./reel.
Model Number Legend
Contact
form
Direction of
Operation
Positioning
Boss
Model
Packing
form
SPST-NO Right
With Boss
D3SH-A1R Embossed
tape packing
(see note)
Without
Boss
D3SH-A0R
Left
With Boss
D3SH-A1L
Without
Boss
D3SH-A0L
SPST-NC Right
With Boss
D3SH-B1R
Without
Boss
D3SH-B0R
Left
With Boss
D3SH-B1L
Without
Boss
D3SH-B0L
Contact
form
Direction of
Operation
Positioning
Boss
Model
Packing
form
SPST-NO Right
With Boss
D3SH-A1R1 Embossed
tape packing
(see note)
Without
Boss
D3SH-A0R1
Left
With Boss
D3SH-A1L1
Without
Boss
D3SH-A0L1
SPST-NC Right
With Boss
D3SH-B1R1
Without
Boss
D3SH-B0R1
Left
With Boss
D3SH-B1L1
Without
Boss
D3SH-B0L1
D3SH -
1.
Contact Form
A:
SPST-NO
B:
SPST-NC
2.
Boss for PCB Positioning
0:
without Boss
1:
with Boss
3.
Lever Length and Direction of Operation
R:
Right Operating with standard lever
L:
Left Operating with standard lever
R1:
Right Operating with long lever
L1:
Left Operating with long lever
2 3
1


Similar Part No. - D3SH

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3SH OMRON-D3SH Datasheet
1Mb / 8P
Surface Mount Detection Switch
D3SH OMRON-D3SH Datasheet
1Mb / 6P
Surface Mount Switch
September 2007
D3SH-A0L OMRON-D3SH-A0L Datasheet
1Mb / 8P
Surface Mount Detection Switch
D3SH-A0L OMRON-D3SH-A0L Datasheet
1Mb / 6P
Surface Mount Switch
September 2007
D3SH-A0L-6 OMRON-D3SH-A0L-6 Datasheet
1Mb / 6P
Surface Mount Switch
September 2007
More results

Similar Description - D3SH

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33993 MOTOROLA-MC33993 Datasheet
869Kb / 28P
Multiple Switch Detection Interface
logo
List of Unclassifed Man...
FT629 ETC1-FT629 Datasheet
99Kb / 2P
Switch Detection Chip
logo
Freescale Semiconductor...
33993 FREESCALE-33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
MC33993 FREESCALE-MC33993 Datasheet
1Mb / 28P
Multiple Switch Detection Interface
logo
Omron Electronics LLC
D2X OMRON-D2X Datasheet
355Kb / 6P
Detection Switch
D3C OMRON-D3C Datasheet
441Kb / 6P
Detection Switch
D3SK OMRON-D3SK Datasheet
820Kb / 6P
Surface Mount Detection Switch
D3C OMRON-D3C_10 Datasheet
362Kb / 4P
Detection Switch
D3SH OMRON-D3SH_10 Datasheet
1Mb / 8P
Surface Mount Detection Switch
D2A OMRON-D2A Datasheet
477Kb / 3P
Ultra Subminiature Detection Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com