Electronic Components Datasheet Search
  English  ▼

X  

D3SH Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D3SH
Description  Surface Mount Detection Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3SH Datasheet(HTML) 2 Page - Omron Electronics LLC

  D3SH Datasheet HTML 1Page - Omron Electronics LLC D3SH Datasheet HTML 2Page - Omron Electronics LLC D3SH Datasheet HTML 3Page - Omron Electronics LLC D3SH Datasheet HTML 4Page - Omron Electronics LLC D3SH Datasheet HTML 5Page - Omron Electronics LLC D3SH Datasheet HTML 6Page - Omron Electronics LLC D3SH Datasheet HTML 7Page - Omron Electronics LLC D3SH Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
64
Surface Mount Detection Switch
D3SH
Specifications
■ Characteristics
Note: 1. The data given above are initial values.
2. The values apply at the total travel position. Contact opening or closing time is within 1ms.
3. The electrical rating applies under the following test conditions:
Ambient Temperature = 20
±2°C, Ambient Humidity = 65±5%, Operating frequency = 30 operations/minute
■ Contact Specifications
Engineering Data
■ Contact form
SPST-NO
SPST-NC
Note: The cover connects with COM terminal inside.
■ Packaging Specifications
Electrical Rating (see note 3)
1 mA at 30 VDC (resistive)
Operating speed
1 mm to 300 mm/s
Operating frequency
Mechanical: 20 operations/minute max.
Electrical: 20 operations/minute max.
Insulation resistance
100 M
Ω min. (at 100 VDC)
Contact resistance
3
Ω max.
Dielectric strength
100 VAC for 1 min between terminals of same polarity
Vibration resistance (see note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance (see note 2)
Destruction: 1000 m/s2 (approx. 100 G) max.
Malfunction: 300 m/s2 (approx. 30 G) max.
Life expectancy
Mechanical: 150,000 operations min. (20 operations/minute)
Electrical: 100,000 operations min. (20 operations/minute)
Ambient operating temperature
–25
°C to 85°C (at 60% RH max.) with no icing or condensation
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 0.02 g
Contact Specification
Slide
Minimum applicable load
15
μA at 3 VDC
COM
N.O
COM
N.O
N.C
COM
N.C
COM
12±0.30
Drawing direction
Standard package Qty 1,000 pcs/reel
Carrier tape
(1.8)
(18)
Reel
φ13
φ 380±2
Label
Feed direction
Standards
Conforms to JEITA
Package
Qty 1,000 pcs/reel



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com