Electronic Components Datasheet Search
  English  ▼

X  

KT0803K Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # KT0803K
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803K Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button KT0803K Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 9Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 10Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 11Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 12Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 13Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Copyright
©2009, KT Micro, Inc.
10
KT0803K
Bits
Type
Default
Label
Description
6
RW
0
Reserved
5
RW
0
PDPA
Power Amplifier Power Down
4
RW
0
Reserved
3
RW
0
Reserved
1
RW
0
Reserved
0
RW
0
Reserved
Register 0x0E (Address: 0x0E, Default: 0x02) – New
Bit
7
6
5
4
3
2
1
0
KT0803K
-
-
-
-
-
-
PA_BIAS
-
KT0803
-
-
-
-
-
-
-
-
Bits
Type
Default
Label
Description
7:2
RW
0x00
Reserved
1
RW
1
PA_BIAS
PA bias current enhancement.
0
RW
0
Reserved
Register 0x0F (Address: 0x0F, Read only) – New
Bit
7
6
5
4
3
2
1
0
KT0803K
-
-
-
PW_OK
-
SLNCID
-
-
KT0803
-
-
-
-
-
-
-
-
Bits
Type
Default
Label
Description
7
R
NA
Reserved
6
R
NA
Reserved
5
R
NA
Reserved
4
R
NA
PW_OK
Power OK indicator
3
R
NA
Reserved
2
R
NA
SLNCID
1 when Silence is detected
1
R
NA
Reserved
0
R
NA
Reserved
Register 0x10 (Address: 0x10, Default: 0x08) – New
Bit
7
6
5
4
3
2
1
0
KT0803K
-
-
-
LMTLVL[1:0]
-
-
PGAMOD
KT0803
-
-
-
-
-
-
-
-
Bits
Type
Default
Label
Description
7:5
RW
000
Reserved
4:3
RW
01
LMTLVL[1:0]
Internal audio limiter level control
00 = 0.6875
01 = 0.75
10 = 0.875
11 = 0.9625
2:1
RW
00
Reserved
0
RW
0
PGAMOD
PGA mode selection
0 = 4dB step (compatible with KT0803)
1 = 1dB step with PGA_LSB[1:0 ] used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com