Electronic Components Datasheet Search
  English  ▼

X  

KT0803K Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # KT0803K
Description  Monolithic Digital Stereo FM Transmitter Radio-Station-on-a-Chip?
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KT0803K Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  KT0803K Datasheet HTML 1Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 2Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 3Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 4Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 5Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 6Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 7Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 8Page - List of Unclassifed Manufacturers KT0803K Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Copyright
©2009, KT Micro, Inc.
3
KT0803K
Notes:
1. Maximum is given on the condition of PGA gain = -12dB.
2. Fin = 20 ~ 15k Hz.
Package and Pin List
Table 3: KT0803K Pin Definition
Pin Index
Name
I/O Type
Function
2
XI
Analog I/O
Crystal input.
3
XO
Analog I/O
Crystal input
4
IOVDD
Power
1.6~3.3V external logic IOVDD
1, 5,11,15
GND
Ground
Can be shorted together and connected to ground
6
INL
Analog Input
Left channel audio input.
7
INR
Analog Input
Right channel audio input.
8
SW
Digital Input
Control bit. Chip enable, supply mode
9, 12
GND
Ground
Ground
10
RSTB
Digital Input
Reset (active low).
13
SDA
Digital I/O
Serial data I/O.
14
SCL
Digital I/O
Serial clock input.
16
PA_OUT
Analog Output
FM RF output.
1
2
3
4
5
6
16
15
14
13
12
11
GND
XI
XO
IOVDD
GND
INL
INR
SW
PA_OUT
GND
SCL
SDA
GND
GND
RSTB
GND
7
8
10
9
Figure 2: KT0803K Pin-out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com