Electronic Components Datasheet Search
  English  ▼

X  

PAC7311 Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAC7311
Description  VGA PC Camera Single-Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7311 Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAC7311 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PixArt Imaging Inc.
PAC7311
VGA PC Camera Single-Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.5 Oct. 2005
6. Reference Application Circuit
6.1PLCCPackage(PAC7311PE)
VSSQ
LED
VDDAV
XOUT
D1
LED
VDDQ
C17
20pF
C19
0.1uF
C5
47pF
X1
12MHz
VCM
VDDQ
C4
47pF
VSSA
VDDD
XIN
C22
0.1uF
VSSQ
L1
3.3uH
VDDAY
C26
0.1uF
C6
1uF
C28
0.1uF
CON1
MINI USB 5P
3
2
1
4
5
+
-
+5V
NC
GND2
C2
1uF
USBGND
VRB
C20
10uF
VDDP
L2
Open/3.3uH
C21
4.7nF
C24
0.1uF
VDD5V
VDDAD
VRT
C27
10uF
VDD5V
R4
1M
VSSA
C18
20pF
VRB
RST#
R7 27 ohm
DN
L3 Short / 3.3uH
VSSQ
C13
0.1uF
VDDQ
R1
10k
C15
0.1uF
R5
1.5K
VSSQ
VDD5V
C7
1uF
+
C16
10uF
VCM
VSSQ
VDDD
VDDP
R6 27 ohm
VDDQ
R2 1K
VSSQ
VDDQ
C23
10uF
VSSQ
C10
1uF
VSSQ
VSSAY
VDDAV
VDDAD
C9
1uF
C3
1uF
C11
1uF
VDD5V
VDDQ
VSSAY
VSSQ
KEY
KEY
C14
10uF
VSSA
VDDA
VSSQ
C12
1uF
R3 51k
C1 1uF
LED
USBGND
U1
PAC7311PE
1
2
3
4
5
19
21
22
23
24
25
26
27
28
29
30
43
44
45
46
47
48
6
20
NC
NC
NC
VRB
VCM
NC
LED
NC
VSSQ
EPR_EN
IOTRAP#
KEY#
NC
VSSQ
VDDD
PWR_5V
VDDQ
VDDP
VDDAD
VDDAV
VSSA
PWR_5V
NC
GPO/TR0
VSSAY
C25
10uF
L4 Short / 3.3uH
DP
R8
10M
S1
KEY
C8
1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com