Electronic Components Datasheet Search
  English  ▼

X  

PAC7311 Datasheet(PDF) 12 Page - Pixart Imaging Inc.

Part # PAC7311
Description  VGA PC Camera Single-Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7311 Datasheet(HTML) 12 Page - Pixart Imaging Inc.

Back Button PAC7311 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7311 Datasheet HTML 13Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PixArt Imaging Inc.
PAC7311
VGA PC Camera Single-Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
12
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.5 Oct. 2005
6.2CSPPackage(PAC7311CS)
X1
12MHz
C23
10uF
XOUT
L2
Open/3.3uH
C4
47pF
L1
3.3uH
C2
1uF
VSSA
VDDQ
VDDQ
VDDQ
C3
1uF
VDDAY
VDD5V
C6
1uF
C7
1uF
C19
0.1uF
C5
47pF
LED
VDDD
D1
LED
VSSAY
C22
0.1uF
C8
1uF
C21
4.7nF
+
C16
10uF
S1
KEY
DP
VSSQ
VSSA
VDDAD
C1 1uF
VSSQ
VDDQ
C11
1uF
VRB
C17
20pF
L4 Short / 3.3uH
VDD5V
VSSQ
USBGND
R1
10k
C20
10uF
VSSQ
VDDAV
VCM
RST#
C26
0.1uF
R6 27 ohm
C13
0.1uF
DN
R5
1.5K
L3 Short / 3.3uH
VDDA
C18
20pF
VRB
C12
1uF
VSSAY
C9
1uF
VDDP
R4
1M
R3 51k
KEY
VDDD
R7 27 ohm
VDDP
VSSQ
LED
VSSA
C27
10uF
C14
10uF
XIN
C10
1uF
CON1
MINI USB 5P
3
2
1
4
5
+
-
+5V
NC
GND2
VSSAY
R2 1K
VDDQ
C25
10uF
VSSQ
VSSQ
VCM
C24
0.1uF
C28
0.1uF
VDD5V
USBGND
VDDAV
KEY
R8
10M
VSSQ
VRT
C15
0.1uF
VDD5V
VDDQ
U1
PAC7311CS
1
2
3
14
15
16
17
18
19
20
21
22
32
33
34
35
36
37
NC
VRB
VCM
GPO/TR0
LED
EPR_EN
IOTRAP#
KEY #
NC
VSSQ
VDDD
PWR_5V
VDDQ
VDDP
VDDAD
VDDAV
VSSA
PWR_5V
VDDAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com