Electronic Components Datasheet Search
  English  ▼

X  

PAS202BCB Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAS202BCB
Description  PAS202BCB SINGLE-CHIP CMOS VGA COLOR DIGITAL IMAGE SENSOR PAS202BBB SINGLE-CHIP CMOS VGA B&W DIGITAL IMAGE SENSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAS202BCB Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAS202BCB Datasheet HTML 7Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 8Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 9Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 10Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 11Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 12Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 13Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 14Page - Pixart Imaging Inc. PAS202BCB Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
PixArt Imaging Inc.
PAS202BCB/PAS202BBB
CMOS Image Sensor IC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
15
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.0, May 2002
7. Referencing Application Circuit
<Doc>
2.0
PAS202B-28P-APP.DSN
A
1
1
Friday, May 31, 2002
Title
Size
Document Number
Rev
Date:
Sheet
of
3.3V
PXD<1>
PXCLK
PXD<0>
SYSCLK
PXD<9>
PXD<2>
HSYNC
VSYNC
PXD<8>
VDDA
AGND
DGND
VDDA
VDDD
VDDA
VDDD
CSB
C3
0.1uF
R3
300k
C12
0.1uF
C3
0.1uF
R3
4.7k
R3
4.7k
L2
3.3UH
PAS202BCB
PAS202BBB
U1
PAS202_28P
1
2
3
4
12
13
14
15
16
17
18
26
27
28
VAY
VSSAY
PXD<9>
PXD<8>
PXD<2>
PXD<1>
PXD<0>
SYSCLK
PXCLK
HSYNC
VSYNC
VRB
VSSA
VDDA
C8
1uF
C10
1uF
C9
1uF
C6
10uF
R2
300k
R1
300k
L1
3.3UH
C12
10uF
C13
10uF
C11
1uF
C14
1uF
S1
C3
0.1uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com