Electronic Components Datasheet Search
  English  ▼

X  

PAW3402 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAW3402
Description  PS/2 OPTICAL MOUSE SOC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3402 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAW3402 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PixArt Imaging Inc.
PAW3402 / PAW3412
PS/2 Optical Mouse SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
5
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Feb. 2008
3.3 AC Operating Condition
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD =5.0 V
Symbol Parameters
Min.
Typ.
Max. Unit
Notes
Tmca
Mouse CLK Active Time
-
40
-
us
Tmci
Mouse CLK Inactive Time
-
40
-
us
Tmdc
Time that Mouse Sample DATA from CLK Rising Edge
-
14
-
us
Tsca
System CLK Active Time
-
40
-
us
Tsci
System CLK Inactive Time
-
40
-
us
Tsdc
Time from DATA Transition to Falling Edge of CLK
-
12
-
us
Tscd
Time from Rising Edge of CLK to DATA Transition
-
28
-
us
Refer to
Figure 9,10
3.4 DC Electrical Characteristics
Electrical characteristics over recommended operating conditions. Typical values at 25 °C, VDD =5.0 V
Symbol Parameter
Min.
Typ. Max.
Unit
Notes
Type: PWR
IDD
Supply Current
Mouse moving (normal)
-
12
-
mA
IDD
Supply Current
Mouse not moving (sleep)
-
5
-
mA
Type: BL, BM, BR
RPH
Internal Pull-up Resistance
-
50
-
Kohm
Type: Z1, Z2
RPD
Internal Pull-down Resistance
-
50
-
Kohm
Only mechanical Z input built-in internal
pull-down resistance, optical Z input
needs external pull-down resistance
Type: BL, BM, BR, Z1, Z2
VIH
Input High Voltage
2.0
-
-
V
VIL
Input Low Voltage
-
-
0.8
V
Type: CLOCK, DATA
RPH
Internal Pull-up Resistance
-
5
-
Kohm
VOL
Output Low Voltage
-
-
0.6
V
IOL= 1mA
IOH
Output Pull-up Current
-
1
-
mA
VOH=2.0V
Type: LED
VOL
Output voltage LOW
-
-
300
mV
I OL = 25mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com