Electronic Components Datasheet Search
  English  ▼

X  

PAW3402 Datasheet(PDF) 14 Page - Pixart Imaging Inc.

Part # PAW3402
Description  PS/2 OPTICAL MOUSE SOC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3402 Datasheet(HTML) 14 Page - Pixart Imaging Inc.

Back Button PAW3402 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 9Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 10Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 11Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 12Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 13Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 14Page - Pixart Imaging Inc. PAW3402 Datasheet HTML 15Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PixArt Imaging Inc.
PAW3402 / PAW3412
PS/2 Optical Mouse SOC
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission
.
14
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0, Feb. 2008
12. Package Information
12.1 Package Outline Drawing
7
8
9
10
11
23
4
5
6
11.68
0.460
0.457
0.018
1.778
0.070
5.461
0.215
0.80
0.031
5.56
0.2189
5.080
0.200
4.826
0.190
123
4
5
6
7
8
9
10
11
12
1
4.55
0.179
6.223
0.245
1.42
0.056
10.16
0.400
5.08
0.200
1.02
0.040
0.254
0.010
3.20
0.126
14.22 +/- 0.2
0.560 +/-0.0079
NOTES:
1. All dimensions in MM/INCH.
2. Dimensions tolerance: +/- 0.10mm
3. Maxmumflash: +0.2mm
4.064
0.160
Max. 12
12
Figure 14. Package Outline Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com