Electronic Components Datasheet Search
  English  ▼

X  

PAW3501UI Datasheet(PDF) 7 Page - Pixart Imaging Inc.

Part # PAW3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI Datasheet(HTML) 7 Page - Pixart Imaging Inc.

Back Button PAW3501UI Datasheet HTML 3Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 4Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 5Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 9Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 10Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 11Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
7
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
5. USB Interface
5.1 USB Command Set Description (USB Descriptor)
The USB HOST detects USB mouse device plug-in and assigns a new unique address to the USB mouse device,
then asking USB mouse device for information about the device description, configuration description, and
assigning a configuration value for USB mouse device during enumeration period. After enumeration, the USB
mouse device is able to transfer motion and button value to the USB host.
Descriptor Type
Byte
Byte
Byte
Byte
Byte
Byte
Byte
Byte
12
01
10
01
00
00
00
08
3A
09
00
25
00
01
01
02
Device Descriptor (18 bytes)
00
01
09
02
22
00
01
01
04
A0
Configuration Descriptor (9 bytes)
32
09
04
00
00
01
03
01
02
Interface Descriptor (9 bytes)
00
09
21
10
01
00
01
22
48
Human Interface Device Descriptor
(9 bytes)
00
Endpoint Descriptor (7 bytes)
07
05
81
03
04
00
0A
05
01
09
02
A1
01
05
09
19
01
29
03
15
00
25
01
95
03
75
01
81
02
95
01
75
05
81
03
05
01
09
01
A1
00
09
30
09
31
15
81
25
7F
75
08
95
02
81
06
C0
09
38
95
01
81
06
09
3C
15
00
25
01
75
01
95
Human Interface Device Report
Descriptor (72 bytes, 3D3B)
01
B1
22
95
07
B1
01
C0
5.2 USB Data Report Format
The USB report has two data formats, depending on boot or report protocol is selected. One kind of data format
is the boot protocol used in legacy environment as 4.2.1. The other kind of data format is USB report protocol
format which includes Z-wheel movement data in the fourth byte as 4.2.2. The Z-wheel is moved forward the
fourth byte data is 01H, the Z-wheel is moved backward the fourth byte data is FFH, and the Z-wheel is idle the
fourth byte data is 00H.
5.2.1 USB Boot Protocol for Legacy Operation
Byte
Bit
Symbol
Description
0
BL
1 = Left button pressed
1
BR
1 = Right button pressed
1
2 ~ 7
NC
Reserved
2
0 - 7
X0 ~ X7
X data (D0 - D7). A positive value indicates motion to the right; a negative value
indicates motion to the left. Bit 0 = LSB.
3
0 - 7
Y0 ~ Y7
Y data (D0 - D7). A positive value indicates device motion upward; a negative
value indicates motion downward. Bit 0 = LSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com