Electronic Components Datasheet Search
  English  ▼

X  

PAW3501UI Datasheet(PDF) 11 Page - Pixart Imaging Inc.

Part # PAW3501UI
Description  USB OPTICAL MOUSE SENSOR SINGLE CHIP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3501UI Datasheet(HTML) 11 Page - Pixart Imaging Inc.

Back Button PAW3501UI Datasheet HTML 6Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 7Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 8Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 9Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 10Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 11Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 12Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 13Page - Pixart Imaging Inc. PAW3501UI Datasheet HTML 14Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PixArt Imaging Inc.
PAW3501UI
USB Optical Mouse Sensor Single Chip
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
11
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V2.1 April. 2008
6.3 PCB Layout Consideration
Caps for pins 13, 14, 17 must have trace lengths less than 5mm.
The trace lengths of OSCOUT, OSCIN must less than 6mm.
6.4 Recommended Value for R1
Radiometric intensity of LED
Bin limits (mW/Sr at 20 mA)
LED Bin Grade
Min.
Typ.
Max.
N
14.7
17.7
P
17.7
21.2
Q
21.2
25.4
Note: Tolerance for each bin will be ± 15%
R1 value (ohm), VDD = 5.0V
LED Bin Grade
Min.
Typ.
Max.
N
51
100
P
51
100
Q
51
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com