Electronic Components Datasheet Search
  English  ▼

X  

PAW3504 Datasheet(PDF) 2 Page - Pixart Imaging Inc.

Part # PAW3504
Description  PURE USB OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3504 Datasheet(HTML) 2 Page - Pixart Imaging Inc.

  PAW3504 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PixArt Imaging Inc.
PAW3504
Pure USB Optical Mouse Sensor Single Chip
1. Pin Configuration
2
1.1 Pin Description
Pin # Name
Type
Definition
1
OSCIN
IN
Oscillator input, connected to resonator or resistor
2
BL
IN
Button left key input, normal pull-high (50k), press connect to low
3
LED
OUT
LED control
4
VDDQ
BYPASS I/O voltage reference
5
VSS
GND
Chip ground
6
VDD5V
PWR
Chip power VDD, 5.0V
7
VDDA
BYPASS Analog voltage reference
8
D+
I/O
USB D+
9
D-
I/O
USB D-
10
BR
IN
Button right key input, normal pull-high (50k), press connect to low
11
BM
IN
Button middle key input, normal pull-high (50k), press connect to low
12
Z2
IN
Z axis, support mechanical scroller input
13
Z1
IN
Z axis, support mechanical scroller input
14
OSCOUT
OUT
Oscillator output, connected to resonator
1.2 Pin Assignment
LB
RB
+ X
+ Y
1
2
3
4
5
6
9
10
11
12
13
14
1
8
7
14
8
7
Figure 1. Top View Pinout
Figure 2. Top View of Mouse
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 June. 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com