Electronic Components Datasheet Search
  English  ▼

X  

PAW3504 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAW3504
Description  PURE USB OPTICAL MOUSE SINGLE CHIP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAW3504 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAW3504 Datasheet HTML 1Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 2Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 3Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 4Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 5Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 6Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 7Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 8Page - Pixart Imaging Inc. PAW3504 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PixArt Imaging Inc.
PAW3504
Pure USB Optical Mouse Sensor Single Chip
2. Block Diagram and Operation
3
CMOS
IMAGE
SENSOR
DIGITAL
SIGNAL
PROCESSOR
POWER ON
RESET
USB MOUSE CONTROLLER
DEBOUNCE
LED
DRIVE
D+
D-
OSCILLATOR
BR
BL
BM
LED
VDDA
VDD5V
OSCIN
USB
INTERFACE
BUTTON
RESONATOR
VOLTAGE
REFERENCE
5V
POWER
Z-AXIS
COUNTER
Z1
Z2
WHEEL
VSS
VDDQ
24 MHZ
OSCOUT
Figure 3. Block Diagram
The PAW3504 supports X, Y, Z three axes, and L, R, M three buttons under USB mode. It is a CMOS process
optical mouse sensor single chip with USB interface that serves as a non-mechanical motion estimation engine
for implementing a computer mouse.
The PAW3504 is in a 14-pin optical package and comes with the resolution of 800 counts per inch (CPI) and the
rate of motion up to 28 inches per second. It includes USB interface so that no mouse controller is needed to
interface through USB. The PAW3504 can receive command and echo status or data format, both complete
Universal Serial Bus
® spec V1.1 and USB HID spec V1.11 compatibility. It is also a cost effective solution to
support USB Mouse.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw
V1.0 June. 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com