Electronic Components Datasheet Search
  English  ▼

X  

MY4H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MY4H
Description  Hermetically Sealed Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4H Datasheet(HTML) 2 Page - Omron Electronics LLC

  MY4H Datasheet HTML 1Page - Omron Electronics LLC MY4H Datasheet HTML 2Page - Omron Electronics LLC MY4H Datasheet HTML 3Page - Omron Electronics LLC MY4H Datasheet HTML 4Page - Omron Electronics LLC MY4H Datasheet HTML 5Page - Omron Electronics LLC MY4H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
256
Hermetically Sealed Relay
MY4H
Contact Ratings
■ Characteristics
Contact material
Ag alloy
Rated load
Resistive
p.f.=1
110 VAC, 3 A
24 VDC, 3A
Inductive
p.f.=0.4
L/R-7 ms
110 VAC, 0.8 A
24 VDC, 1.5 A
Rated carry current
3 A
Max. switching voltage
125 VAC, 125 VDC
Max. switching current
3 A
Max. switching power
330 VA
72 W
Contact resistance
50 m
Ω max.
Operate time
20 ms max.
Release time
20 ms max.
Max. operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,000 VAC, 1 min between coil and contacts
1,000 VAC, 1 min between contacts of different polarity
700 VAC, 1 min between contacts of same polarity
Vibration resistance
Destruction
10 to 55 Hz, 0.5 mm single amplitude
Malfunction
10 to 55 Hz, 0.5 mm single amplitude
Shock resistance
Destruction
1,000 m/s2
Malfunction
When energized: 200 m/s2
When not energized: 200 m/s2
Endurance
Mechanical:
5,000,000 operations
Electrical:
50,000 operations
Ambient temperature
Operating
-25 to 60
°C
Storage
-25 to 60
°C
Ambient humidity
5% to 85%
Weight
Approx. 50 g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com