Electronic Components Datasheet Search
  English  ▼

X  

MY4H Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # MY4H
Description  Hermetically Sealed Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4H Datasheet(HTML) 4 Page - Omron Electronics LLC

  MY4H Datasheet HTML 1Page - Omron Electronics LLC MY4H Datasheet HTML 2Page - Omron Electronics LLC MY4H Datasheet HTML 3Page - Omron Electronics LLC MY4H Datasheet HTML 4Page - Omron Electronics LLC MY4H Datasheet HTML 5Page - Omron Electronics LLC MY4H Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
258
Hermetically Sealed Relay
MY4H
■ Socket
Track-mounted Socket Conforming to
Class 1 Division 2
• Special Socket with Class 1 Division 2 approval.
• Holding clips contribute to safety by preventing the Relay
falling out of the Socket due to vibration.
Ordering Information
Note: 1. Class 1 Division 2 approval is obtained for use with the MY4ZH Relay.
2. Clips are not included.
Dimensions
Unit: mm
PYF14A-E
Approval Tables
UL recognized type (File no. E216067) - - Ambient Temp = 40
°C
CSA certified type (File no. LR 31928)
Item
Pole
Model
Track-mounted socket
4
PYF14A-E
Terminal Arrangement/
Internal Connections
(Top View)
14-M3
×8
72 max.
29.5 max.
6 +0.2
-0.1
Two, 4.2
×5
mounting holes
Mounting Holes
4
31 max.
Type
Contact form
Coil ratings
Contact ratings
MY4ZH
4PDT
6 - 24 VAC
6 - 125 VDC
0.8 A - 120 VAC general purpose
1.5 A - 24 VDC general purpose
3.0 A - 120 VAC resistive
3.0 A - 24 VDC resistive
Type
Contact form
Coil ratings
Contact ratings
MY4ZH
4PDT
6 - 24 VAC
6 - 125 VDC
0.8 A - 120 VAC general purpose
1.5 A - 24 VDC general purpose
3.0 A - 120 VAC resistive
3.0 A - 24 VDC resistive



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com