Electronic Components Datasheet Search
  English  ▼

X  

P1C Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P1C
Description  PLC Splitter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P1C Datasheet(HTML) 1 Page - Omron Electronics LLC

  P1C Datasheet HTML 1Page - Omron Electronics LLC P1C Datasheet HTML 2Page - Omron Electronics LLC P1C Datasheet HTML 3Page - Omron Electronics LLC P1C Datasheet HTML 4Page - Omron Electronics LLC P1C Datasheet HTML 5Page - Omron Electronics LLC P1C Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PLC Splitter Module
P1C
1
PLC Splitter Module
P1C
Silica-on-Silica Planar Lightwave Circuit
(PLC) Splitter
• 1x4, 1x8, 1x16, 1x32, 1x64 modules*
• Packaged Optical Waveguide chips based on Patented
Plasma Chemical Vapor Deposition (P-CVD) technology for
stable optical characteristics and high reliability
• Low Insertion Loss (IL) and Polarization Dependant Loss (PDL)
• High port uniformity
• Tested to Telcordia GR1209 & GR1221
• Optional custom packaging available including; chip only
metal fittings and connectorized cassette
*Splitter chip available by special order
Applications
Ordering Information
Specifications
■ Characteristics
• Power Splitting and Coupling for FTTx
• Passive and Digital Access Distribution Networks (ATM, WDM,
Ethernet EPON), BPON, GEPON, GPON
• Local, Wide & Metropolitan Networks (LAN/WAN/MAN)
• Cable/Community, Access Television systems and links (CATV,
Video signal distribution)
• Multiplexer
• Optical Amplifier
• Test Equipment
• Protection (restoration)
• Fiber Optic Sensors
1
2 3 4
P1C
@A-@@@@
5
1. Number of Channels
4, 8, 16, 32, 64
2. Configuration
M:
Module
S:
Bare splitter
3. Pitch
H:
125
μm
F:
250
μm
4. Type of fiber/Bend radius
A:
R30
B:
R15
5. Fiber color (U.S. Standard)
U1:
8 core = Blue, Orange, Green, Brown,
Slate, White, Red, Black
4 core = Blue, Orange, Green, Brown
Single core = Blue
U2:
8 core and 4 core, same as above.
Single core = Clear
Product Model
P1C4A-MFAU1
P1C8A-MHAU1
P1C16A-MHAU1
P1C32A-MHAU1
P1C64A-MHAU1
Operating Wavelength
1260 - 1360 nm, 1480 - 1610 nm
Insertion Loss (IL) Max
≤ 7.5dB
≤ 11.0dB
≤ 13.7dB
≤ 17.0dB
≤ 20.4dB
Insertion Loss (IL) Unif
≤ 0.8dB
≤ 1.0dB
≤ 1.0dB
≤ 1.3dB
≤ 2.0dB
Polarization Dependant Loss (PDL)
≤ 0.3dB
Return Loss (RL)
≥ 50dB
≥ 55dB
Directivity
≥ 55dB


Similar Part No. - P1C

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
P1C CLIFF-P1C Datasheet
227Kb / 2P
2.5mm & 3.5mm JACK PLUGS
More results

Similar Description - P1C

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
B8849NL PULSE-B8849NL Datasheet
75Kb / 1P
XDSL SPLITTER FILTER MODULE
B8049E PULSE-B8049E Datasheet
130Kb / 1P
XDSL SPLITTER FILTER MODULE
B600 PULSE-B600 Datasheet
625Kb / 1P
XDSL SPLITTER FILTER MODULE
B705 PULSE-B705 Datasheet
278Kb / 2P
XDSL SPLITTER FILTER MODULE
B708 PULSE-B708 Datasheet
270Kb / 2P
XDSL Splitter filter module
B898 PULSE-B898 Datasheet
172Kb / 2P
XDSL SPLITTER FILTER MODULE
B899 PULSE-B899 Datasheet
86Kb / 2P
XDSL SPLITTER FILTER MODULE
logo
PHOENIX CONTACT
2284507 PHOENIX-2284507 Datasheet
240Kb / 7P
Passive module - DFLK 50/PLC
2284581 PHOENIX-2284581 Datasheet
76Kb / 4P
Passive module - FLKM 14/PLC
logo
Mitsumi Electronics, Co...
DRT-J550 MITSUMI-DRT-J550 Datasheet
83Kb / 2P
HD-PLC Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com