Electronic Components Datasheet Search
  English  ▼

X  

P1C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # P1C
Description  PLC Splitter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P1C Datasheet(HTML) 2 Page - Omron Electronics LLC

  P1C Datasheet HTML 1Page - Omron Electronics LLC P1C Datasheet HTML 2Page - Omron Electronics LLC P1C Datasheet HTML 3Page - Omron Electronics LLC P1C Datasheet HTML 4Page - Omron Electronics LLC P1C Datasheet HTML 5Page - Omron Electronics LLC P1C Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PLC Splitter Module
P1C
■ Operating Conditions
Dimensions
UNIT: mm
1 x 4 Splitter Module (P1C4A-MFAU1)
1 x 8 Splitter Module (P1C8A-MHAU1)
1 x 16 Splitter Module (P1C16A-MHAU1)
Operating Temperature
-40
°C to +85°C (without freezing or condensation)
Storage Temperature
-40
°C to +85°C (without freezing or condensation)
Humidity
85% RH max
Mounting Direction
Free
Optical input-output direction
Bi-directional
UV-Resin Coated fiber
Φ0.25
Φ 0.9
_
>1000
_
>1000
40 ± 0.2
4core Fiber ribbons
Output port (#1 to #4)
Input port
Label
(5)
A
B
UV-Resin Coated fiber
Φ0.25
Input port
Φ 0.9
4core Fiber ribbons
Output port (#1 to #8)
_
>1000
_
>1000
40 ± 0.2
(5)
Label
UV-Resin Coated fiber
Φ0.25
Φ 0.9
_>1000
_>1000
52 ± 0.2
8core Fiber ribbons
Label
Output port (#1 to #16)
Input port
(5)
A
B
Label



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com