Electronic Components Datasheet Search
  English  ▼

X  

MK2PD-S Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # MK2PD-S
Description  General Purpose Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MK2PD-S Datasheet(HTML) 2 Page - Omron Electronics LLC

  MK2PD-S Datasheet HTML 1Page - Omron Electronics LLC MK2PD-S Datasheet HTML 2Page - Omron Electronics LLC MK2PD-S Datasheet HTML 3Page - Omron Electronics LLC MK2PD-S Datasheet HTML 4Page - Omron Electronics LLC MK2PD-S Datasheet HTML 5Page - Omron Electronics LLC MK2PD-S Datasheet HTML 6Page - Omron Electronics LLC MK2PD-S Datasheet HTML 7Page - Omron Electronics LLC MK2PD-S Datasheet HTML 8Page - Omron Electronics LLC MK2PD-S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
General Purpose Relay
MK
■ Accessories (continued)
Back Connecting Sockets
Specifications
■ Contact Data
■ Coil Data
AC
DC
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23°C (73°F) with a tolerance of ±15% for DC rated current
and +15%, -20% for AC rated current.
2. The rated current is reference value.
3. Performance characteristic data are measured at a coil temperature of 23°C (73°F).
4. For models with the LED indicator built-in, add an LED current of approximately 0 thru 5 mA to the rated current.
Relay type
Model
Socket
Relay hold-down clip
SPDT
DPDT
PL08
PLC-E
PLE08-0
PLC-10
PL08-Q
PLC-E
3PDT
PL11
PLC-E
PLE11-0
PLC-10
PL11-Q
PLC-E
Load
Resistive load (p.f. = 1)
Inductive load (p.f. = 0.4)
2 Pole
3 Pole
Rated load
10 A at 250 VAC
10 A at 28 VDC
10 A at 120 VAC
10 A at 28 VDC
10 A at 250 VAC
7 A at 250 VAC
Contact material
Ag
Carry current
10 A
Max. operating voltage
250 VAC, 250 VDC
Max. operating current
10 A
Max. switching capacity
2,500 VA
280 W
2,500 VA/1,250 VA (NO/NC contacts)
280 W
1,750 VA
Min. permissible load
10 mA at 1 VDC
Rated
voltage
(VAC)
Rated
current (mA)
(at 60 Hz)
Coil
resistance
(
Ω)
Coil inductance
(Ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
6
360
3.9
0.0423
0.0201
80% max.
Approx.
2.7 VA
30% min.
(at 60 Hz)
25% min.
(at 50 Hz)
110% max.
Approx.
2.3 VA
(at 60 Hz)
Approx.
2.7 VA
(at 50 Hz)
12
180
16.3
0.3270
0.1666
24
88.0
68.0
0.6940
0.3760
50
39.0
338
3.195
1.530
110
21.0
1240
13.45
7.32
120
18.0
1578
15.04
7.19
220
11.0
5090
49.73
27.02
240
9.2
6737
58.62
32.07
Rated
voltage
(VDC)
Rated
current (mA)
(at 60 Hz)
Coil
resistance
(
Ω)
Coil inductance
(Ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
6
255
23.5
0.206
0.106
80% max.
Approx.
2.7 VA
15% min.
110% max.
Approx.
1.5 W
12
126
95
0.963
0.449
24
56
430
4.915
2.478
48
29.5
1630
16.685
10.487
110
15.1
7300
80.2
42.6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com