Electronic Components Datasheet Search
  English  ▼

X  

XF2B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2B
Description  Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2B Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2B Datasheet HTML 1Page - Omron Electronics LLC XF2B Datasheet HTML 2Page - Omron Electronics LLC XF2B Datasheet HTML 3Page - Omron Electronics LLC XF2B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
22
Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2B
Dimensions
Unit: mm
XF2B-
@@@5-31A
Table of Dimensions
Note: Upper contact
A±0.03
B±0.03
(B+0.6)±0.05
4.5
(Reinforcement
board)
1.6
(Effective stacking length)
2.5±0.3
2-R0.2 MAX
0.3 +0.04
-0.03
0.3 +0.04
-0.03
0.6±0.02
0.3±0.02
0.3±0.07
0.25±0.1
1±0.1
2±0.1
1.2±0.1
0.6±0.02
A±0.05
B±0.05
0.3±0.05
5.4±0.1
0.75±0.05
0.75±0.05
0.3±0.05
0.3±0.05
0.6±0.05
0.6±0.05
5.5
C
D
X
X
A
B
(1.1)
(1.4)
1.23
5.2
0.5
0.55
0.1
0.5
1.2
(2.1)
0.6
0.12
0.6
0.15
0.3
0.8 (Effective stacking length)
0.8
(Effective stacking length)
1.6
(Effective stacking length)
2.15
T=0.2±0.03
(Conductive plating)
Cross-section diagram :X-X
Applicable FPC Dimensions
PCB Mating Dimensions (TOP VIEW)
Pins
Model
ABCD
17
XF2B-1745-31A
4.2
4.8
5.5
7.0
21
XF2B-2145-31A
5.4
6.0
6.7
8.2
23
XF2B-2345-31A
6.0
6.6
7.3
8.8
25
XF2B-2545-31A
6.6
7.2
7.9
9.4
27
XF2B-2745-31A
7.2
7.8
8.5
10.0
31
XF2B-3145-31A
8.4
9.0
9.7
11.2
33
XF2B-3345-31A
9.0
9.6
10.3
11.8
35
XF2B-3545-31A
9.6
10.2
10.9
12.4
39
XF2B-3945-31A
10.8
11.4
12.1
13.6
41
XF2B-4145-31A
11.4
12.0
12.7
14.2
45
XF2B-4545-31A
12.6
13.2
13.9
15.4
51
XF2B-5145-31A
14.4
15.0
15.7
17.2
61 (See note)
XF2B-6155-31A
17.4
18.0
18.7
20.2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com