Electronic Components Datasheet Search
  English  ▼

X  

XF2B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # XF2B
Description  Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2B Datasheet(HTML) 4 Page - Omron Electronics LLC

  XF2B Datasheet HTML 1Page - Omron Electronics LLC XF2B Datasheet HTML 2Page - Omron Electronics LLC XF2B Datasheet HTML 3Page - Omron Electronics LLC XF2B Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Rotary Backlock Connector (0.3 mm-pitch, Dual Contact)
XF2B
Certain Precautions on Specifications and Use
1. Suitability for Use. Seller shall not be responsible for conformity with any stan-
dards, codes or regulations which apply to the combination of the Product in
Buyer's application or use of the Product. At Buyer's request, Seller will pro-
vide applicable third party certification documents identifying ratings and limi-
tations of use which apply to the Product. This information by itself is not
sufficient for a complete determination of the suitability of the Product in com-
bination with the end product, machine, system, or other application or use.
Buyer shall be solely responsible for determining appropriateness of the par-
ticular Product with respect to Buyer's application, product or system. Buyer
shall take application responsibility in all cases but the following is a non-
exhaustive list of applications for which particular attention must be given:
(i) Outdoor use, uses involving potential chemical contamination or electrical
interference, or conditions or uses not described in this document.
(ii) Energy control systems, combustion systems, railroad systems, aviation
systems, medical equipment, amusement machines, vehicles, safety
equipment, and installations subject to separate industry or government
regulations.
(iii) Use in consumer products or any use in significant quantities.
(iv) Systems, machines and equipment that could present a risk to life or
property. Please know and observe all prohibitions of use applicable to this
product.
NEVER USE THE PRODUCT FOR AN APPLICATION INVOLVING SERIOUS
RISK TO LIFE OR PROPERTY WITHOUT ENSURING THAT THE SYSTEM
AS A WHOLE HAS BEEN DESIGNED TO ADDRESS THE RISKS, AND THAT
THE OMRON PRODUCT IS PROPERLY RATED AND INSTALLED FOR THE
INTENDED USE WITHIN THE OVERALL EQUIPMENT OR SYSTEM.
2.
Programmable Products. Seller shall not be responsible for the user's pro-
gramming of a programmable product, or any consequence thereof.
3.
Performance Data.
Performance data given in this publication is provided as
a guide for the user in determining suitability and does not constitute a war-
ranty. It may represent the result of Seller's test conditions, and the users must
correlate it to actual application requirements. Actual performance is subject to
Seller's Warranty and Limitations of Liability.
4.
Change in Specifications. Product specifications and accessories may be
changed at any time based on improvements and other reasons. It is our prac-
tice to change part numbers when published ratings or features are changed,
or when significant construction changes are made. However, some specifica-
tions of the Product may be changed without any notice. When in doubt, spe-
cial part numbers may be assigned to fix or establish key specifications for
your application. Please consult with your Seller representative at any time to
confirm actual specifications of purchased Product.
5.
Errors and Omissions. The information in this publication has been carefully
checked and is believed to be accurate; however, no responsibility is assumed
for clerical, typographical or proofreading errors, or omissions.
6.
RoHS Compliance. Where indicated, our products currently comply, to the
best of our knowledge as of the date of this publication, with the requirements
of the European Union's Directive on the Restriction of certain Hazardous
Substances ("RoHS"), although the requirements of RoHS do not take effect
until July 2006. These requirements may be subject to change. Please consult
our website for current information.
OMRON ON-LINE
Global - http://www.omron.com
USA - http://www.components.omron.com
Cat. No. X304-E-1
Printed in USA
OMRON ELECTRONIC
COMPONENTS LLC
55 E. Commerce Drive, Suite B
Schaumburg, IL 60173
847-882-2288
01/10
Specifications subject to change without notice
Complete “Terms and Conditions of Sale” for product purchase and use are on Omron’s website
at http://www.components.omron.com – under the “About Us” tab, in the Legal Matters section.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com