Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G2R
Description  Power PCB Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 3 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Power PCB Relay
G2R
193
Latching
Note: 1. P standard:
λ
50 = 0.10 x 10
-6 operation for all models
2. For individual product agency approvals consult factory.
■ Coil Data
Non-latching DC coil
Non-latching AC coil
Non-latching high-sensitivity DC coil
Load
1-pole type
2-pole type
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Resistive load
(p.f. = 1)
Inductive load
(p.f. = 0.4) (L/R = 7 ms)
Rated load
5 A at 250 VAC
5 A at 30 VDC
3.50 A at 250 VAC
2.50 A at 30 VDC
3 A at 250 VAC
3 A at 30 VDC
1.50 A at 250 VAC
2 A at 30 VDC
Contact material
Ag-Alloy
Carry current
5 A
3 A
Max. operating voltage
380 VAC, 125 VDC
Max. operating current
5 A
3 A
Max. switching capacity
1,250 VA, 150 W
875 VA, 75 W
750 VA, 90 W
375 VA, 60 W
Min permissible load
100 mA, 5 VDC
10 mA, 5 VDC
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
176
17
0.07
0.14
70% max.
15% min.
110% max.
at 7
0°C
(158
°F)
Approx. 530
5
106
47
0.20
0.39
6
88.20
68
0.28
0.55
12
43.60
275
1.15
2.29
24
21.80
1,100
4.27
8.55
48
11.50
4,170
13.86
22.71
100
5.30
18,860
67.20
93.20
110
4.80
22,900
81.50
110.60
Rated voltage
(VAC)
Rated current
(mA)(at 60Hz)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(VA)
Armature
OFF
Armature
ON
% of rated voltage
6
150
16
0.05
0.10
80% max.
30% min.
110% max.
at 70
°C
(158
°F)
Approx. 0.9
12
75
65
0.19
0.39
24
37.50
260
0.81
1.55
50
18
1,130
3.25
6.73
100/(110)
9/(10.60)
4,600
13.34
26.84
120
7.50
6,500
21
42
200/(220)
4.5/(5.3)
20,200
51.3
102
220
4.1
25,000
57.5
117
240
3.80
30,000
65.50
131
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
120
25
0.13
0.26
70% max.
15% min.
110% max.
at 70
°C
(158
°F)
Approx. 360
5
71.40
70
0.37
0.75
6
60
100
0.53
1.07
12
30
400
2.14
4.27
24
15
1,600
7.80
15.60
48
7.50
6,400
31.20
62.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com