Electronic Components Datasheet Search
  English  ▼

X  

G2R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G2R
Description  Power PCB Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G2R Datasheet(HTML) 4 Page - Omron Electronics LLC

  G2R Datasheet HTML 1Page - Omron Electronics LLC G2R Datasheet HTML 2Page - Omron Electronics LLC G2R Datasheet HTML 3Page - Omron Electronics LLC G2R Datasheet HTML 4Page - Omron Electronics LLC G2R Datasheet HTML 5Page - Omron Electronics LLC G2R Datasheet HTML 6Page - Omron Electronics LLC G2R Datasheet HTML 7Page - Omron Electronics LLC G2R Datasheet HTML 8Page - Omron Electronics LLC G2R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
194
Power PCB Relay
G2R
Latching dual coil type - Set coil
Latching dual coil type - Reset coil
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C (73°F) with a tolerance of ±10%.
2. The operating characteristics are measured at a coil temperature of 23
°C (73°F).
■ Characteristics
Note: Data shown are of initial value.
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
227
10.80
0.026
0.052
70% max.
70% max.
110% max.
at 70
°C
(158
°F)
Approx. 850
5
167
30
0.073
0.146
6
138
43.50
0.104
0.208
12
70.60
170
0.42
0.83
24
34.60
694
1.74
3.43
Rated voltage
(VDC)
Rated current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Pick-up
voltage
Dropout
voltage
Maximum
voltage
Power
consumption
(mW)
Armature
OFF
Armature
ON
% of rated voltage
3
200
15
0.001
0.002
70% max.
70% max.
110% max.
at 70
°C
(158
°F)
Approx. 600
5
119
42
0.003
0.006
6
100
60
0.005
0.009
12
50
240
0.018
0.036
24
25
960
0.079
0.148
Item
Non-latching
Latching
Contact resistance
100 m
Ω
Operate (set) time
15 ms. max.
20 ms max.
Release (reset) time
AC: 10 ms max.; DC: 5 ms max.
20 ms max.
Bounce time
Operate
---
Mean value approx. 3 ms
Release
---
Mean value approx. 8 ms
Operating frequency
Mechanical
18,000 operations/hour
Electrical
1,800 operations/hour (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
5,000 VAC, 50/60 Hz for 1 minute between coil and contacts
1,000 VAC, 50/60 Hz for 1 minute across contacts of same pole
3,000 VAC, 50/60 Hz for 1 minute between contact sets, 2-pole non-latching
1,000 VAC, 50/60 Hz for 1 minute between set and reset coils of dual coil latching
Vibration
Mechanical durability
10 to 55 Hz; 1.50 mm (0.06) double amplitude
Malfunction durability
10 to 55 Hz; 1.50 mm (0.06) double amplitude
Shock
Mechanical durability
1,000 m/s2 (approx. 100G)
Malfunction durability
200 m/s2 (approx. 20 G) when energized
100 m/s2 (approx. 10 G) when de-energized
500 m/s2 (approx. 50 G) at set (1-pole)
200 m/s2 (approx 20G) at set (2-pole)
100 m/s2 (approx. 10 G) at reset
Ambient temperature
-40 to 70
°C (-40 to 158°F)
Humidity
5% to 85% RH
Service life
Mechanical
10,000,000 operations min.
DC: 20,000,000 operations min.
(at 18,000 operations/hour)
10,000,000 operations min.
(at 18,000 operations/hour)
Electrical
100,000 operations min. (at 1,800 operations /hr) at rated load. See “Characteristics Data”
Weight
Approx. 17 g (0.60 oz.)
Approx. 17 g.
(Approx 20g for quick-connect type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com