Electronic Components Datasheet Search
  English  ▼

X  

HMC849LP4CE Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC849LP4CE
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC849LP4CE Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC849LP4CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14 - 213
Return Loss [1]
Insertion Loss
Isolation Between
Ports RFC and RF1 / RF2
0.1 and 1 dB Input Compression
Point, Vdd = 5V, Linear
0.1 and 1 dB Input Compression
Point, Vdd = 3V, Linear
Isolation Between Ports RF1 and RF2
[1] RFC is reflective in “all off” state.
HMC849LP4CE
v01.1009
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 6 GHz
-5
-4
-3
-2
-1
0
01
2
3
4
5
6
7
+25C
+85C
-40C
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
123
456
7
RF1
RF2
ALL OFF
FREQUENCY (GHz)
15
20
25
30
35
40
0123456
0.1 dB Compression Point
1dB Compression Point
FREQUENCY (GHz)
15
20
25
30
0123456
0.1 dB Compression Point
1 dB Compression Point
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0
123
456
7
RFC
RF1, RF2 ON
RF1, RF2 OFF
FREQUENCY (GHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
0
123
456
7
RFC-RF1 ON
RFC-RF2 ON
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com