Electronic Components Datasheet Search
  English  ▼

X  

HMC849LP4CE Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC849LP4CE
Description  HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 6 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC849LP4CE Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC849LP4CE Datasheet HTML 1Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 2Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 3Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 4Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 5Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 6Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 7Page - Hittite Microwave Corporation HMC849LP4CE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
14
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
14 - 214
HMC849LP4CE
v01.1009
HIGH ISOLATION SPDT
NON-REFLECTIVE SWITCH, DC - 6 GHz
Input Third Order Intercept
Point, Vdd = 5V
Input Third Order Intercept
Point, Vdd = 5V, Linear
Input Third Order Intercept
Point, Vdd = 3V
Input Third Order Intercept
Point, Vdd = 3V, Linear
40
45
50
55
60
0.01
0.1
1
+25C
+85C
-40C
FREQUENCY (GHz)
40
45
50
55
60
0123456
+25C
+85C
-40C
FREQUENCY (GHz)
40
45
50
55
60
0.01
0.1
1
+25C
+85C
-40C
FREQUENCY (GHz)
40
45
50
55
60
0123456
+25C
+85C
-40C
FREQUENCY (GHz)
0.1 and 1 dB Input Compression
Point, Vdd = 5V
0.1 and 1 dB Input Compression
Point, Vdd = 3V
15
20
25
30
35
40
0.01
0.1
1
0.1 dB Compression Point
1 dB Compression Point
FREQUENCY (GHz)
15
20
25
30
35
0.01
0.1
1
0.1 dB Compression Point
1 dB Compression Point
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com