Electronic Components Datasheet Search
  English  ▼

X  

G5RL Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G5RL
Description  PCB Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5RL Datasheet(HTML) 1 Page - Omron Electronics LLC

  G5RL Datasheet HTML 1Page - Omron Electronics LLC G5RL Datasheet HTML 2Page - Omron Electronics LLC G5RL Datasheet HTML 3Page - Omron Electronics LLC G5RL Datasheet HTML 4Page - Omron Electronics LLC G5RL Datasheet HTML 5Page - Omron Electronics LLC G5RL Datasheet HTML 6Page - Omron Electronics LLC G5RL Datasheet HTML 7Page - Omron Electronics LLC G5RL Datasheet HTML 8Page - Omron Electronics LLC G5RL Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PCB Relay
G5RL
213
PCB Relay
G5RL
Low-profile Relay with Various Models
• Low profile: 15.7 mm in height
• Creepage distance 8mm between coil and contacts
• 10 kV Impulse withstand voltage
• Models with AC coil available.
• High-Inrush model available
(Inrush peak currents up to 100 A)
• Low Noise model available
(Approx. 10 to 20 dB less sound pressure than standard
G5RL-Series Relays)
• RoHS Compliant
Ordering Information
Note: When ordering, add the rated coil voltage to the model number. Example: G5RL-1A-LN DC12
■ Model Number Legend:
1. Number of Poles
1:
1 pole
2. Contact Form/Contact Construction
None: SPDT
A:
SPST-NO
3. Classification
None: 12 A
E:
16 A (high capacity)
4. Special Function
None: Standard
HR:
High-inrush
LN:
Low Noise
5. Rated Coil Voltage
Coil ratings are listed in each section
(AC coil, High inrush, and Low noise).
Classification
Enclosure ratings
Contact form
Contact ratings
Special function
SPST-NO
SPDT
16 A (high capacity)
AC coil
Flux protection
—
G5RL-1-E
High inrush
G5RL-1A-E-HR
G5RL-1-E-HR
Low noise
G5RL-1A-E-LN
12 A
G5RL-1A-LN
G5RL-
@ @ - @ @ DC (AC) @
12
4
3
5


Similar Part No. - G5RL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5RL-K1-E OMRON-G5RL-K1-E Datasheet
282Kb / 5P
16 A High Switching Current, General-purpose Latching Relay
G5RL-K1A-E OMRON-G5RL-K1A-E Datasheet
282Kb / 5P
16 A High Switching Current, General-purpose Latching Relay
G5RL-U OMRON-G5RL-U Datasheet
282Kb / 5P
16 A High Switching Current, General-purpose Latching Relay
G5RL-U1-E OMRON-G5RL-U1-E Datasheet
282Kb / 5P
16 A High Switching Current, General-purpose Latching Relay
G5RL-U1A-E OMRON-G5RL-U1A-E Datasheet
282Kb / 5P
16 A High Switching Current, General-purpose Latching Relay
More results

Similar Description - G5RL

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2RG OMRON-G2RG Datasheet
245Kb / 6P
PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
PCB Relay
G5Q-14DC12 OMRON-G5Q-14DC12 Datasheet
507Kb / 6P
PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
PCB Relay
G5G OMRON-G5G Datasheet
848Kb / 3P
PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com