Electronic Components Datasheet Search
  English  ▼

X  

G5RL Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G5RL
Description  PCB Relay
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5RL Datasheet(HTML) 2 Page - Omron Electronics LLC

  G5RL Datasheet HTML 1Page - Omron Electronics LLC G5RL Datasheet HTML 2Page - Omron Electronics LLC G5RL Datasheet HTML 3Page - Omron Electronics LLC G5RL Datasheet HTML 4Page - Omron Electronics LLC G5RL Datasheet HTML 5Page - Omron Electronics LLC G5RL Datasheet HTML 6Page - Omron Electronics LLC G5RL Datasheet HTML 7Page - Omron Electronics LLC G5RL Datasheet HTML 8Page - Omron Electronics LLC G5RL Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
214
PCB Relay
G5RL
Models with AC Coil: G5RL-1-E
■ Specifications
Coil Ratings
Note: 1. The rated current tolerance is +15%/–20%. All above data is based on coil temperature of 23
°C.
2. Coil resistances are provided as reference values.
Contact Ratings
Characteristics
Note: 1. Values in the above table are initial values.
2. The contact resistance is measured with 1 A applied at 5 VDC using voltage drop method.
3. The insulation resistance is measured between coil and contacts and between contacts of the same polarity at 500 VDC.
4. The resistive load ratings for NO contact apply when there is no load on NC contact.
Rated voltage
24 VAC
100 VAC
115 VAC/120 VAC
200 VAC
230 VAC/240 VAC
Rated current at 50 Hz
31.30 mA
7.50 mA
5.85 mA
6.25 mA
3.75 mA
3.00 mA
3.13 mA
Rated current at 60 Hz
28.30 mA
6.88 mA
5.35 mA
5.70 mA
3.45 mA
2.76 mA
2.88 mA
Coil resistance
443
Ω
8,220
Ω
11,600
Ω
33,000
Ω
47,600
Ω
Must operate voltage
75% max. rated voltage
Must release voltage
15% min. rated voltage
Max. voltage
110% of rated voltage
Power consumption
Approx. 0.75 VA
Contact form
SPDT
Contact material
Ag alloy (Cd free)
Rated load (resistive)
16 A at 250 VAC, 24 VDC (NO) when there is no load on (NC)
5 A at 250 VAC, 24 VDC (SPDT)
Rated carry current
16 A (NO), 5 A (NC)
Max. switching voltage
250 VAC, 24 VDC
Max. switching current
16 A (NO), 5 A (NC)
Max. switching capacity
4,000 VA, 384 W (NO) when there is no load on (NC)
1,250 VA, 120 W (SPDT)
Min. permissible load
(reference value)
40 mA at 24 VDC: P level:
λ
60 = 0.1 x 10
–6 operations
Contact resistance
100 m
Ω max.
Operate time
20 ms max.
Release time
20 ms max.
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
6,000 VAC, 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
10 kV between coil and contacts (1.2
× 50 μs)
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 (approx. 100G)
Malfunction: 100 m/s2 (approx. 10G)
Life expectancy
Mechanical: 10,000,000 operations min. (at 18,000 operations/hr)
Electrical:
100,000 operations min. (at 1,800 operations/hr)
(Resistive load, 12A, 250 VAC/24 VDC, NO contact)
50,000 operations min. (at 1,800 operations/hr)
(Resistive load, 16 A, 250 VAC/24 VDC, NO contact)
(Resistive load, 5 A, 250 VAC/24 VDC, NC contact)
Ambient temperature
Operating: –40
°C to 70°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Approx. 10 g



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com