Electronic Components Datasheet Search
  English  ▼

X  

HY5PS12421AF Datasheet(PDF) 22 Page - Hynix Semiconductor

Part # HY5PS12421AF
Description  512Mb DDR2 SDRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421AF Datasheet(HTML) 22 Page - Hynix Semiconductor

Back Button HY5PS12421AF Datasheet HTML 18Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 19Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 20Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 21Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 22Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 23Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 24Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 25Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 26Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
Rev. 0.2 / Mar. 2005
22
512Mb A-ver. DDR2 SDRAM
Parameter
Symbol
DDR2-800
DDR2-667
Unit
Note
min
max
min
max
DQ output access time from CK/CK
tAC
-400
+400
-450
+450
ps
DQS output access time from CK/CK
tDQSCK
-350
+350
-400
+400
ps
CK high-level width
tCH
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
tCK
CK half period
tHP
min(tCL,
tCH)
-
min(tCL,
tCH)
-
ps
11,12
Clock cycle time, CL=x
tCK
2500
3000
8000
ps
15
DQ and DM input setup time
tDS(base)
50
-
100
-
ps
6,7,8,20
DQ and DM input hold time
tDH(base)
125
-
175
-
ps
6,7,8,21
Control & Address input pulse width for each input
tIPW
0.6
-0.6
-
tCK
DQ and DM input pulse width for each input
tDIPW
0.35
-0.35-
tCK
Data-out high-impedance time from CK/CK
tHZ
-
tAC max
-
tAC max
ps
18
DQS low-impedance time from CK/CK
tLZ(DQS)
tAC min
tAC max
tAC min
tAC max
ps
18
DQ low-impedance time from CK/CK
tLZ(DQ)
2*tAC min
tAC max
2*tAC min
tAC max
ps
18
DQS-DQ skew for DQS and associated DQ signals
tDQSQ
-200
-240
ps
13
DQ hold skew factor
tQHS
-300
-340
ps
12
DQ/DQS output hold time from DQS
tQH
tHP - tQHS
-
tHP - tQHS
-
ps
First DQS latching transition to associated clock
edge
tDQSS
- 0.25
+ 0.25
- 0.25
+ 0.25
tCK
DQS input high pulse width
tDQSH
0.35
-
0.35
-
tCK
DQS input low pulse width
tDQSL
0.35
-
0.35
-
tCK
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-
tCK
DQS falling edge hold time from CK
tDSH
0.2
-
0.2
-
tCK
Mode register set command cycle time
tMRD
2
-
2
-
tCK
Write postamble
tWPST
0.4
0.6
0.4
0.6
tCK
10
Write preamble
tWPRE
0.35
-
0.35
-
tCK
Address and control input setup time
tIS(base)
175
-
200
-
ps
5,7,9,22
Address and control input hold time
tIH(base)
250
-
275
-
ps
5,7,9,23
Read preamble
tRPRE
0.9
1.1
0.9
1.1
tCK
19
Read postamble
tRPST
0.4
0.6
0.4
0.6
tCK
19
Activate to precharge command
tRAS
45
70000
45
70000
ns
3
Active to active command period for 1KB page size
products
tRRD
7.5
-
7.5
-
ns
4
Active to active command period for 2KB page size
products
tRRD
10
-
10
-
ns
4
Four Active Window for 1KB page size products
tFAW
37.5
-
37.5
-
ns
Four Active Window for 2KB page size products
tFAW
50
-
50
-
ns
CAS to CAS command delay
tCCD
2
2
tCK
Write recovery time
tWR
15
-
15
-
ns
Auto precharge write recovery + precharge time
tDAL
WR+tRP
-
WR+tRP
-
tCK
14
Internal write to read command delay
tWTR
7.5
-7.5
-
ns
Internal read to precharge command delay
tRTP
7.5
7.5
ns
3
Exit self refresh to a non-read command
tXSNR
tRFC + 10
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
-
200
-
tCK
Exit precharge power down to any non-read
command
tXP
2
-
2
-
tCK
Exit active power down to read command
tXARD
2
2
tCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
8 - AL
7 - AL
tCK
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com