Electronic Components Datasheet Search
  English  ▼

X  

HY5PS12421AF Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY5PS12421AF
Description  512Mb DDR2 SDRAM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421AF Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY5PS12421AF Datasheet HTML 1Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 2Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 3Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 4Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 5Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 6Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 7Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 8Page - Hynix Semiconductor HY5PS12421AF Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Rev. 0.2 / Mar. 2005
5
512Mb A-ver. DDR2 SDRAM
1.2 Pin Configuration & Address Table
128Mx4 DDR2 Pin Configuration(Top view: see balls through package)
3
VSS
DM
VDDQ
DQ3
VSS
WE
BA1
A1
A5
A9
NC
2
NC
VSSQ
DQ1
VSSQ
VREF
CKE
BA0
A10
A3
A7
A12
1
VDD
NC
VDDQ
NC
VDDL
NC
VSS
VDD
A
B
C
D
E
F
G
H
J
K
L
7
VSSQ
DQS
VDDQ
DQ2
VSSDL
RAS
CAS
A2
A6
A11
NC
8
DQS
VSSQ
DQ0
VSSQ
CK
CK
CS
A0
A4
A8
A13
9
VDDQ
NC
VDDQ
NC
VDD
ODT
VDD
VSS
ROW AND COLUMN ADDRESS TABLE
ITEMS
128Mx4
# of Bank
4
Bank Address
BA0, BA1
Auto Precharge Flag
A10/AP
Row Address
A0 - A13
Column Address
A0-A9, A11
Page size
1 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com