Electronic Components Datasheet Search
  English  ▼

X  

G9YA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9YA
Description  Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YA Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9YA Datasheet HTML 1Page - Omron Electronics LLC G9YA Datasheet HTML 2Page - Omron Electronics LLC G9YA Datasheet HTML 3Page - Omron Electronics LLC G9YA Datasheet HTML 4Page - Omron Electronics LLC G9YA Datasheet HTML 5Page - Omron Electronics LLC G9YA Datasheet HTML 6Page - Omron Electronics LLC G9YA Datasheet HTML 7Page - Omron Electronics LLC G9YA Datasheet HTML 8Page - Omron Electronics LLC G9YA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
360
Coaxial Switch
G9YA
■ Characteristics
Note: 1. The above values are initial values.
2. Rated and characteristic (initial) values are for a standard temperature of 23
°C and a humidity of 65% unless otherwise indicated.
3. The contact resistance was measured with 10 mA at 1 VDC with a voltage drop method.
4. The insulation resistance was measured with a 500-VDC megohmmeter applied to the same parts as those used for checking the dielec-
tric strength.
Engineering Data
Note: 1. The tests were conducted at an ambient temperature of 23
°C.
2. The high-frequency characteristics will vary according to the connectors. Be sure to check operation including durability at the actual de-
vice before use.
Type
Failsafe models
Dual coil latching models
TTL-driven dual coil
latching models
Item
Model
G9YA-12S-45(35)
G9YAK-12S-45(35)
G9YAT-12S-45(35)
Contact resistance (See note 3.)
100 m
Ω max.
Operating (set) time
15 ms max.
Release (reset) time
15 ms max.
Minimum set/reset pulse time
---
100 ms
Insulation resistance (See note 4.)
1,000 M
Ω min. (at 500 VDC)
Dielectric
strength
Coil and contacts
500 VAC, 50/60 Hz for 1 min
Coil and ground,
contacts and ground
500 VAC, 50/60 Hz for 1 min
Contacts of same
polarity
500 VAC, 50/60 Hz for 1 min
Vibration
resistance
Destruction
10 to 55 Hz, 5.0-mm double amplitude
Malfunction
10 to 55 Hz, 3.0-mm double amplitude
Shock
resistance
Destruction
1,000 m/s2
Malfunction
500 m/s2
Endurance
Mechanical
5,000,000 operations min. (at 36,000 operations/hour)
Electrical
5,000,000 operations min. (3 GHz, 5 W, 50
Ω, V.S.W.R. 1.2 max.) at a switching frequency of 1,800
operations/hour
Contact carry power
120 W (at 3 GHz, 50
Ω, V.S.W.R. ≤ 1.15) with an ambient temperature of 40°C
Ambient operating temperature
−55 to 85°C (with no icing or condensation)
Ambient operating humidity
5% to 85%
Weight
Approx. 50 g
High-frequency Characteristics
(Isolation)
High-frequency Characteristics
(Insertion Loss)
High-frequency Characteristics
(Return Loss, V.S.W.R.)
0
20
40
60
80
100
04
8
12
16
20
24
28
(Average value [initial value])
Frequency (GHz)
Sample: G9YA-12S-45 12 VDC
Measuring device:
Agilent Network Analyzer 8722ES
(Average value [initial value])
Frequency (GHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
04
8
12
16
20
24
28
Sample: G9YA-12S-45 12 VDC
Measuring device:
Agilent Network Analyzer 8722ES
1.9
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1
0
10
20
30
40
50
60
70
80
90
04
8
12
16
20
24
28
Return loss
V.S.W.R.
Frequency (GHz)
(Average value [initial value])
Sample: G9YA-12S-45 12 VDC
Measuring device:
Agilent Network Analyzer 8722ES



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com