Electronic Components Datasheet Search
  English  ▼

X  

G9YA Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G9YA
Description  Coaxial Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9YA Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button G9YA Datasheet HTML 2Page - Omron Electronics LLC G9YA Datasheet HTML 3Page - Omron Electronics LLC G9YA Datasheet HTML 4Page - Omron Electronics LLC G9YA Datasheet HTML 5Page - Omron Electronics LLC G9YA Datasheet HTML 6Page - Omron Electronics LLC G9YA Datasheet HTML 7Page - Omron Electronics LLC G9YA Datasheet HTML 8Page - Omron Electronics LLC G9YA Datasheet HTML 9Page - Omron Electronics LLC G9YA Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
362
Coaxial Switch
G9YA
■ Models with Pin Terminals
Pin Terminal Arrangement
2.54
5.2
2.54
2.54
11.2
Two, 2.4 dia.
13.2
8.7
Two, 3.1 dia.
39
7.3
4.6
2.2
2.54
Three SMA jack connectors
Pin terminals
7.4
22.4
30.0
34.0
Pin No.
ABCD
EFGH
G9YA-12S-45(35)-P
@
G9YAK-12S-45(35)-P
@
G9YAT-12S-45(35)-P
@
Note: Each value has a tolerance of
±0.3 mm.
Indicator
Coil
Pin number
AB
CDEFG
H
Without indicator
terminals
Failsafe
GND
+
Dual coil latching
GND
1
2
TTL-driven dual coil latching
V
GND
Logic 1
Logic 2
With indicator
terminals
Failsafe
NC
COM
NO
GND
+
Dual coil latching
1COM
2
GND
1
2
TTL-driven dual coil latching
1
COM
2
V
GND
Logic 1
Logic 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com