Electronic Components Datasheet Search
  English  ▼

X  

XG8 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # XG8
Description  Standard Unshrouded Header Plug
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG8 Datasheet(HTML) 3 Page - Omron Electronics LLC

  XG8 Datasheet HTML 1Page - Omron Electronics LLC XG8 Datasheet HTML 2Page - Omron Electronics LLC XG8 Datasheet HTML 3Page - Omron Electronics LLC XG8 Datasheet HTML 4Page - Omron Electronics LLC XG8 Datasheet HTML 5Page - Omron Electronics LLC XG8 Datasheet HTML 6Page - Omron Electronics LLC XG8 Datasheet HTML 7Page - Omron Electronics LLC XG8 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Standard Unshrouded Header Plug
XG8
73
XG8W Double Row Plugs for MIL Connectors
Dimensions
Ordering Information
0.635
× 0.635
Mounting holes (bottom view)
0.8 +0.1 dia.
0
XG8W-
@@31
(With gold-plated straight terminals)
XG8W-
@@41
(With tin plated straight terminals)
Dimensions
No. of
contacts
Dimensions (mm)
AB
10
12.7
10.16
14
17.8
15.24
16
20.3
17.78
20
25.4
22.86
26
33.0
30.48
30
38.1
35.56
34
43.2
40.46
40
50.8
48.26
50
63.5
60.96
60
76.2
73.66
0.635
× 0.635
Mounting holes (bottom view)
0.8 +0.1 dia.
0
4 to 11
XG8W-
@@34
(With gold-plated right-angle terminals)
XG8W-
@@44
(With tin-plated right-angle terminals)
Dimensions
No. of
contacts
Dimensions (mm)
AB
20
25.4
22.86
26
33.0
30.48
30
38.1
35.56
34
43.2
40.64
40
50.8
48.26
50
63.5
60.96
Appearance
Plugs with straight terminals
Plugs with right-angle terminals
No. of contacts
Model (gold plated)
Model (tin plated)
Model (gold plated)
Model (tin plated)
10
XG8W-1031
XG8W-1041
⎯⎯
14
XG8W-1431
XG8W-1441
⎯⎯
16
XG8W-1631
XG8W-1641
⎯⎯
20
XG8W-2031
XG8W-2041
XG8W-2034
XG8W-2044
26
XG8W-2631
XG8W-2641
XG8W-2634
XG8W-2644
30
XG8W-3031
XG8W-3041
XG8W-3034
XG8W-3044
34
XG8W-3431
XG8W-3441
XG8W-3434
XG8W-3444
40
XG8W-4031
XG8W-4041
XG8W-4034
XG8W-4044
50
XG8W-5031
XG8W-5041
XG8W-5034
XG8W-5044
60
XG8W-6031
XG8W-6041
⎯⎯



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com