Electronic Components Datasheet Search
  English  ▼

X  

UTCKA22241 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTCKA22241
Description  DUAL EQUALIZER AMPLIFIER WITH ALC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCKA22241 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTCKA22241 Datasheet HTML 1Page - Unisonic Technologies UTCKA22241 Datasheet HTML 2Page - Unisonic Technologies UTCKA22241 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTCKA22241
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
2
QW-R110-001,A
ELECTRICAL CHARACTERISTICS(Ta=25
°C, VCC=7V, f=1KHZ, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Circuit Current
ICCQ
VI=0
1.5
3.5
4.5
mA
Open Loop Voltage Gain
GVO
VO=0.3V
70
80
dB
Closed Loop Voltage
Game
GVC
VO=0.3V
45
48
50
dB
Output Voltage
VO
THD=1%
0.6
1.2
V
Total Harmonic Distortion
THD
VO=0.3V
0.1
0.3
%
Input Noise Voltage
VNI
RO=2.2K
Ω
BW(-3dB)=20HZ
¡ ª
20KHZ
1.0
2.0
µV
Input Resistance
RI
15
25
45
k
Ω
ALC Range
¦ ¤
VALC
RO=3.9K
Ω,THD=10%
40
45
dB
ALC Balance
CBALC
VI=1mV
0
2.5
dB
TEST CIRCUIT
~
~
1
2
3
4
5
6
7
8
9
0.027
µF
4.3k
Ω 120kΩ
15k
Ω
39
Ω
100
µF
10
µF
SW 3
SW 1
SW 2
SW 5
SW 8
SW 9
SW 10
SW 11
10k
Ω
3.9k
Ω
10k
Ω
10
µF
120k
Ω 4.3kΩ
15k
Ω
39
Ω
100
µF
0.027
µF
A
C
D
B
Vcc
UTC KA22241



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com