Electronic Components Datasheet Search
  English  ▼

X  

UTCKA22241 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCKA22241
Description  DUAL EQUALIZER AMPLIFIER WITH ALC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCKA22241 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCKA22241 Datasheet HTML 1Page - Unisonic Technologies UTCKA22241 Datasheet HTML 2Page - Unisonic Technologies UTCKA22241 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTCKA22241
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R110-001,A
DUAL EQUALIZER AMPLIFIER WITH
ALC
DESCRIPTION
The UTC KA22241 is a monolithic integrated circuit,
consisting of dual equalizer amplifier with ALC, and it
is suitable for stereo radio cassette tape recorders.
FEATURES
*Dual equalizer amplifier with built-in ALC circuit
*Low noise VNI=1.0
µV(Typical)
*High open loop voltage gain: Gv=80dB(Typical)
*Good ALC response balance between channels
*Not necessary the input coupling capacitor
*Not necessary the diode or transistor for ALC
*Built in power supply muting circuit
*Minimum number of external parts required
SIP-9
BLOCK DIAGRAM
1
2
3
4
5
6
7
8
9
ALC
channel 1
channel 2
NF1
IN1
OUT1
GND
ALC
mute
Vcc
IN2
NF2
OUT2
ABSOLUTE MAXIMUM RATING(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
VCC
16
V
Operating Temperature
TOPR
-20 to 75
°C
Storage Temperature
TSTG
-20 to 125
°C
Power Dissipation
PD
550
mW


Similar Part No. - UTCKA22241

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCKA22427 UTC-UTCKA22427 Datasheet
46Kb / 3P
I-CHIP AM/FM RADIO IC
UTCKA22427 UTC-UTCKA22427 Datasheet
111Kb / 3P
LINEAR INTEGRATED CIRCUIT
More results

Similar Description - UTCKA22241

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA2220 SAMSUNG-KA2220 Datasheet
164Kb / 5P
EQUALIZER AMPLIFIER WITH ALC
logo
Sanyo Semicon Device
LA3210 SANYO-LA3210 Datasheet
152Kb / 5P
Equalizer Amplifier With ALC
LA3220 SANYO-LA3220 Datasheet
277Kb / 8P
2-Channel Equalizer Ampe With ALC
logo
List of Unclassifed Man...
KA2224 ETC-KA2224 Datasheet
155Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
KA7226 SAMSUNG-KA7226 Datasheet
285Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Wuxi Youda electronics ...
YD22241 YOUDA-YD22241 Datasheet
83Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
YD3308F YOUDA-YD3308F Datasheet
77Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Unisonic Technologies
TDA2611 UTC-TDA2611 Datasheet
115Kb / 3P
DUAL EQUALIZER AMPLIFIER WITH ALC
KA22241 UTC-KA22241 Datasheet
213Kb / 6P
DUAL EQUALIZER AMPLIFIER WITH ALC
logo
Samsung semiconductor
S1A2224A01 SAMSUNG-S1A2224A01 Datasheet
178Kb / 8P
Dual equalizer amplifier with a built-in ALC circuit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com