Electronic Components Datasheet Search
  English  ▼

X  

UTCLAG665F Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTCLAG665F
Description  RADIO AND CASSETTE RECORDER CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLAG665F Datasheet(HTML) 3 Page - Unisonic Technologies

  UTCLAG665F Datasheet HTML 1Page - Unisonic Technologies UTCLAG665F Datasheet HTML 2Page - Unisonic Technologies UTCLAG665F Datasheet HTML 3Page - Unisonic Technologies UTCLAG665F Datasheet HTML 4Page - Unisonic Technologies UTCLAG665F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UTCLAG665F
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R110-013,A
ABSOLUTE MAXIMUM RATINGS(Ta=25
°C)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
-0.3~+7.5
V
Power Dissipation
Pd
450
mW
Operating Voltage
Vop
2~5
V
Operating Temperature
Topr
-20~+65
°C
Storage Temperature
Tstg
-40~+125
°C
ELECTRICAL CHARACTERISTICS(Ta=25
°C,Vcc=3V, f=1kHz, RL=16Ω, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Current
Icc
Vin=0V, IM=0mA
18
25
mA
PRE-AMPLIFIER
Open Loop Gain
Gvo
Vo=-10dBm, RL=
∞
72
dB
Close Loop Gain
Gvc
Vo=-10dBm
40
42
44
dB
Maximum Output Voltage
Vom
THD=10%
0.45
0.6
Vrms
Total Harmonic Distortion
THD
Vout=100mVrms
0.05
0.5
%
Output Noise Voltage
Von
Vin=0, Rg=2.2k,
BPF(30~20k)
150
300
µVrms
Input Impedance
Zin
Vout=-10dBm
18
22
k
Ω
Cross Talk between CH
CT
Rg=2.2k, Vout=-10dBm
30
dB
Pre Amp
Output Voltage when Pre-Off
Vooff
Vin=100mVrms
-50
dB
Output Impedance when Pre-Off
Rooff
10
k
Ω
Input Impedance when Pre-Off
Rioff
10
K
Ω
Attenuator
Maximum Input Voltage
Vimax
0.2
Vrms
Maximum Attenuation
Vamax
Vcont=Min
66
dB
Attenuation Error
Vaerr
Vcont=Max
0
dB
Input Impedance
Zia
15
20
k
Ω
Control Ternimal Input
Impedance
Zicot
100
k
Ω
Power Amplifier
Voltage Gain
GV
Pout=5mW
26
28
30
dB
Channel Voltage Difference
∆GV
Vcont=Max
0
3
dB
Maximum Output Power I
Pom 1
THD=10%, RL=32
Ω
20
28
mW
Maximum Output Power II
Pom 2
THD=10%, RL=16
Ω
30
mW
Total Harmonic Distortion
THD
Pout=5mW
0.2
2
%
Cross Talk between CH
CT
Pout=5mW
20
30
dB
Output Noise Voltage
Von
Rg=2.2k, Vcont=Min
0.25
1
mVrms
Ripple Rejection
RR
Vcc=3V, 100Hz, 100mVp-p
34
40
dB
Pre + Pulse Boost + Power
Noise
Vnto
Vin=0V, Rg=2.2k,
Vcont=Max*
6
9
mVrms
Motor *Vcc=3V, Im=100mA
Current Consumption
IMC
3
5
mA
Starting Current
IMS
500
mA
Reference Voltage
Vref
Pin 15~Pin 16
0.72
0.8
0.87
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com