Electronic Components Datasheet Search
  English  ▼

X  

UTCLAG665F Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UTCLAG665F
Description  RADIO AND CASSETTE RECORDER CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLAG665F Datasheet(HTML) 5 Page - Unisonic Technologies

  UTCLAG665F Datasheet HTML 1Page - Unisonic Technologies UTCLAG665F Datasheet HTML 2Page - Unisonic Technologies UTCLAG665F Datasheet HTML 3Page - Unisonic Technologies UTCLAG665F Datasheet HTML 4Page - Unisonic Technologies UTCLAG665F Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTCLAG665F
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R110-013,A
FIGURE 1
Item
Symbol
SW No.
TEST CONDITION
1
2
3,3’
4
5
6
7
8
9
10
11
Vcc=3V,f=1kHz,RL=16
Ω
AMP
Supply Current
Icc
c
c
a
b
b
a
b
b
b
a
a
Close Loop Gain
Gvc
b
b
b
b
b
a
b
b
b
a
a
Im=0mA
Maximum Output Voltage
Vom
b
b
b
b
b
a
b
b
b
a
a
Vo=244mV
Total Harmonic Distortion
THD
b
b
b
b
b
a
b
b
b
a
a
Vo=400mV
Output Noise Voltage
Von
c
c
b
b
b
a
b
b
b
a
a
B.P.F.(30-20kHz)
Cross Talk between CH
CT
b/
c
c/
b
b
b
b
a
b
b
b
a
a
Vo=244mV
Output Voltage when Pre-
Off
Vooff
b
b
b
a
b
a
b
b
b
a
a
Vin=100mV
Attenuator
Maximum Input Voltage
Vimax
a
a
a
a
b
a
b
b
b
a
a
Vr=Min, THD=10%,
Maximum Attenuation
Vamax
a
a
a
a
b
a
b
b
b
a
a
Power AMP
Voltage Gain
GV
a
a
a
a
b
a
b
b
b
a
a
Pout=5mV
Channel Voltage Difference
∆GV
a
a
a
a
b
a
b
b
b
a
a
VR=MAX
Maximum Output Power I
Pom 1
a
a
a
a
b
b
a
b
b
a
a
RL=32
Ω,THD=10%
Maximum Output Power II
Pom 2
a
a
a
a
b
a
b
b
b
a
a
RL=16
Ω,THD=10%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com