Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317 Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTCLM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317 Datasheet(HTML) 4 Page - Unisonic Technologies

  UTCLM317 Datasheet HTML 1Page - Unisonic Technologies UTCLM317 Datasheet HTML 2Page - Unisonic Technologies UTCLM317 Datasheet HTML 3Page - Unisonic Technologies UTCLM317 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UTCLM317
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R101-009,B
APPLICATION CIRCUIT
1
2
3
Vo
R1
R2
Vi
C1
0.1
µF
Co
1
µF
Iadj
1
2
3
Vo
Vi
D1 1N4002
720
Ω
120
Ω
1k
Ω
1
µF
TTL Level
signal
UTC
LM317
ll
Fig.5 Programmable voltage regulator
Fig.6 Regulator with On-off control
Vo=1.25V*(1+R2/R1)+Iadj*R2
C1 is required when regulator is located
an appreciated distance from power
supply. Co
is needed to improve
transient response.
UTC LM317
1
2
3
UTC LM317
1
2
3
Vo
Vi
Vadj
R2
240
Ω
50k
Ω
D1
1N4001
10
µF
Io
Iadj
R1
R2
Vo
Vi
Iomax=(
Vref
R1
)+Iadj=
1.25V
R1
Iomin=(
Vref
R1+R2
)+Iadj=
1.25V
R1+R2
5mA<Io<100mA
Fig.7 Soft start application
Fig.8 Constant current application



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com