Electronic Components Datasheet Search
  English  ▼

X  

UTCLM317 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTCLM317
Description  3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTCLM317 Datasheet(HTML) 1 Page - Unisonic Technologies

  UTCLM317 Datasheet HTML 1Page - Unisonic Technologies UTCLM317 Datasheet HTML 2Page - Unisonic Technologies UTCLM317 Datasheet HTML 3Page - Unisonic Technologies UTCLM317 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCLM317
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R101-009,B
3-TERMINAL 1A POSITIVE
ADJUSTABLE VOLTAGE
REGULATOR
DESCRIPTION
The UTC LM317 is an adjustable 3-terminal positive
voltage regulator, designed to supply more than 1.5A of
output current with voltage adjustable from 1.3 to 37V.
FEATURES
*Output current up to 1.5A.
*Output voltage adjustable from 1.3V to 37V.
*Internal short circuit protection.
*Internal over temperature protection.
*Safe-Area compensation for output transistor.
TO-220
1
TO-263
1
TO-252
1
1:ADJ
2:Output
3:Input
BLOCK DIAGRAM
VREF
INPUT
VAdj
PROTECTION
CIRCUIT
OUTPUT


Similar Part No. - UTCLM317

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLM317L UTC-UTCLM317L Datasheet
47Kb / 5P
LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - UTCLM317

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
3-Terminal 1A Positive Voltage Regulator
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317 Datasheet
177Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317L FS-FR317L Datasheet
197Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com