Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 56 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 56 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 52Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 53Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 54Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 55Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 56Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 57Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 60Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
56
February 1, 2010
Register
Reset
(Power-on)
RES or LVR
Reset
WDT Time-out
(Normal Operation)
WDT Time-out
(IDLE)
PF
- - - - - - 11
- - - - - - 11
- - - - - - 11
- - - - - - uu
PFC
- - - - - - 11
- - - - - - 11
- - - - - - 11
- - - - - - uu
ADRL (ADREF=0)
xxxx
----
xxxx
----
xxxx
----
uuuu
----
ADRL (ADREF=1)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADREF=0)
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
ADRH (ADREF=1)
---- xxxx
---- xxxx
---- xxxx
---- uuuu
ADCR0
0110
- 000
0110
- 000
0110
- 000
uuuu
- uuu
ADCR1
00
- 0 - 000
00
- 0 - 000
00
- 0 - 000
uu
- u - uuu
ACERL
1111 1111
1111 1111
1111 1111
uuuu uuuu
CP0C
1000 0
-- 1
1000 0
-- 1
1000 0
-- 1
uuuu u
-- u
CP1C
1000 0
-- 1
1000 0
-- 1
1000 0
-- 1
uuuu u
-- u
SIMC0
1110 000
-
1110 000
-
1110 000
-
uuuu uuu
-
SIMC1
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMD
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMA/SIMC2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0DH
---- -- 00
---- -- 00
---- -- 00
---- -- uu
TM0AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM0AH
---- -- 00
---- -- 00
---- -- 00
---- -- uu
EEA
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
EED
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
EEC
---- 0000
---- 0000
---- 0000
---- uuuu
TMPC0
1001
-- 01
1001
-- 01
1001
-- 01
uuuu
-- uu
TMPC1
-- 01 -- 01
-- 01 -- 01
-- 01 -- 01
-- uu -- uu
PRM0
- 0 - 0 0000
- 0 - 0 0000
- 0 - 0 0000
- u - u uuuu
PRM1
000
- 0000
000
- 0000
000
- 0000
uuu
- uuuu
PRM2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C0
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C1
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1C2
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1DH
---- -- 00
---- -- 00
---- -- 00
---- -- uu
TM1AL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1AH
---- -- 00
---- -- 00
---- -- 00
---- -- uu
TM1BL
0000 0000
0000 0000
0000 0000
uuuu uuuu
TM1BH
---- -- 00
---- -- 00
---- -- 00
---- -- uu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com