Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 71 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 71 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 67Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 68Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 69Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 70Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 71Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 72Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 73Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 74Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 75Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
71
February 1, 2010
· PRM0 Register
¨ HT66F60
Bit
76543210
Name
C1XPS1
C1XPS0
C0XPS1
C0XPS0
PDPRM
SIMPS1
SIMPS0
PCKPS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7~6
C1XPS1, C1XPS0: C1X Pin Remapping Control
00: C1X on PA5
01: C1X on PF1
10: C1X on PG1
11: Undefined
Bit 5~4
C0XPS1, C0XPS0: C0X Pin Remapping Control
00: C0X on PA0
01: C0X on PF0
10: C0X on PG0
11: Undefined
Bit 3
PDPRM: PD3~PD0 pin-shared function Pin Remapping Control
0: No change
1: TCK2 on PD0 change to PB6, TP2_0 on PD1 change to PB7, TCK0 on PD2 change to PD6,
TCK1 on PD3 change to PD7 if SIMPS1, SIMPS0=01 or 11
Bit 2~1
SIMPS1, SIMPS0: SIM Pin Remapping Control
00: SDO on PA5; SDI/SDA on PA6; SCK/SCL on PA7; SCS on PB5
01: SDO on PD3; SDI/SDA on PD2; SCK/SCL on PD1; SCS on PD0
10: SDO on PB6; SDI/SDA on PB7; SCK/SCL on PD6; SCS on PD7
11: SDO on PD1; SDI/SDA on PD2; SCK/SCL on PD3; SCS on PD0
Bit 0
PCKPS: PCK and PINT Pin Remapping Control
0: PCK on PC2; PINT on PC3
1: PCK on PC5; PINT on PC4
· PRM1 Register
¨ HT66F40/HT66F50
Bit
76543210
Name
TCK2PS
TCK1PS
TCK0PS
¾
INT1PS1
INT1PS0
INT0PS1
INT0PS0
R/W
R/W
R/W
R/W
¾
R/W
R/W
R/W
R/W
POR
0
0
0
¾
0000
Bit 7
TCK2PS: TCK2 Pin Remapping Control
0: TCK2 on PC2
1: TCK2 on PD0
Bit 6
TCK1PS: TCK1 Pin Remapping Control
0: TCK1 on PA4
1: TCK1 on PD3
Bit 5
TCK0PS: TCK0 Pin Remapping Control
0: TCK0 on PA2
1: TCK0 on PD2
Bit 4
²¾² Unimplemented, read as ²0²
Bit 3~2
INT1PS1, INT1PS0: INT1 Pin Remapping Control
00: INT1 on PA4
01: INT1 on PC5
10: Undefined
11: INT1 on PE7
Bit 1~0
INT0PS1, INT0PS0: INT0 Pin Remapping Control
00: INT0 on PA3
01: INT0 on PC4
10: Undefined
11: INT0 on PE6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com