Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 129 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 129 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 133Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
129
February 1, 2010
Capture Input Mode
To select this mode bits TnAM1, TnAM0 and TnBM1,
TnBM0 in the TMnC1 and TMnC2 registers should be
set to 01 respectively. This mode enables external sig-
nals to capture and store the present value of the inter-
nal counter and can therefore be used for applications
such as pulse width measurements. The external signal
is supplied on the TPnA and TPnB_0, TPnB_1, TPnB_2
pins, whose active edge can be either a rising edge, a
falling edge or both rising and falling edges; the active
edge transition type is selected using the TnAIO1,
TnAIO0 and TnBIO1, TnBIO0 bits in the TMnC1 and
TMnC2 registers. The counter is started when the TnON
bit changes from low to high which is initiated using the
application program.
When the required edge transition appears on the TPnA
and TPnB_0, TPnB_1, TPnB_2 pins the present value
in the counter will be latched into the CCRA and CCRB
registers and a TM interrupt generated. Irrespective of
what events occur on the TPnA and TPnB_0, TPnB_1,
TPnB_2 pins the counter will continue to free run until
the TnON bit changes from high to low. When a CCRP
compare match occurs the counter will reset back to
zero; in this way the CCRP value can be used to control
the maximum counter value. When a CCRP compare
match occurs from Comparator P, a TM interrupt will
also be generated. Counting the number of overflow in-
terrupt signals from the CCRP can be a useful method in
measuring long pulse widths. The TnAIO1, TnAIO0 and
TnBIO1, TnBIO0 bits can select the active trigger edge
on the TPnA and TPnB_0, TPnB_1, TPnB_2 pins to be
a rising edge, falling edge or both edge types. If the
TnAIO1, TnAIO0 and TnBIO1, TnBIO0 bits are both set
high, then no capture operation will take place irrespec-
tive of what happens on the TPnA and TPnB_0,
TPnB_1, TPnB_2 pins, however it must be noted that
the counter will continue to run.
As the TPnA and TPnB_0, TPnB_1, TPnB_2 pins are
pin shared with other functions, care must be taken if the
TM is in the Capture Input Mode. This is because if the
pin is setup as an output, then any transitions on this pin
may cause an input capture operation to be executed.
The TnCCLR, TnAOC, TnBOC, TnAPOL and TnBPOL
bits are not used in this mode.
CCRP
Counter
overflow
CCRP Int.
Flag TnPF
CCRA Int.
Flag TnAF
TnON bit
Pause
Counter
Reset
TnPAU bit
Resume
Stop
Time
YY
XX
CCRA
Value
XX
TM Capture Pin
YY
TnAIO1, TnAIO0
Value
00 - Rising edge
01 - Falling edge
11 - Disable Capture
Active
edge
Active
edge
XX
10 - Both edges
Active
edges
YY
TnAM1, TnAM0 = 01
Counter
Value
ETM CCRA Capture Input Mode
Note:
1. TnAM1, TnAM0 = 01 and active edge set by TnAIO1 and TnAIO0 bits
2. TM Capture input pin active edge transfers counter value to CCRA
3. TnCCLR bit not used
4. No output function - TnAOC and TnAPOL bits not used
5. CCRP sets counter maximum value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com