Electronic Components Datasheet Search
  English  ▼

X  

HT66F20 Datasheet(PDF) 236 Page - Holtek Semiconductor Inc

Part # HT66F20
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F20 Datasheet(HTML) 236 Page - Holtek Semiconductor Inc

Back Button HT66F20 Datasheet HTML 232Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 233Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 234Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 235Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 236Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 237Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 238Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 239Page - Holtek Semiconductor Inc HT66F20 Datasheet HTML 240Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 246 page
background image
48-pin SSOP (300mil) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.395
¾
0.420
B
0.291
¾
0.299
C
0.008
¾
0.012
C
¢
0.613
¾
0.637
D
0.085
¾
0.099
E
¾
0.025
¾
F
0.004
¾
0.010
G
0.025
¾
0.035
H
0.004
¾
0.012
a
0
°¾
8
°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
10.03
¾
10.67
B
7.39
¾
7.59
C
0.20
¾
0.30
C
¢
15.57
¾
16.18
D
2.16
¾
2.51
E
¾
0.64
¾
F
0.10
¾
0.25
G
0.64
¾
0.89
H
0.10
¾
0.30
a
0
°¾
8
°
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
236
February 1, 2010
4 8
1
2 5
2 4
A
B
C
D
F
C '
G
H
a
E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com