Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 108 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 108 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 104Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 105Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 112Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev.1.10
108
February 1, 2010
Enhanced Type TM Register Description
Overall operation of the Enhanced TM is controlled using a series of registers. A read only register pair exists to store
the internal counter 10-bit value, while two read/write register pairs exist to store the internal 10-bit CCRA and CCRB
value. The remaining three registers are control registers which setup the different operating and control modes as well
as the three CCRP bits.
Name
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
TM1C0
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
T1RP2
T1RP1
T1RP0
TM1C1
T1AM1
T1AM0
T1AIO1
T1AIO0
T1AOC
T1APOL
T1CDN
T1CCLR
TM1C2
T1BM1
T1BM0
T1BIO1
T1BIO0
T1BOC
T1BPOL
T1PWM1
T1PWM0
TM1DL
D7
D6
D5
D4
D3
D2
D1
D0
TM1DH
¾¾¾¾¾¾
D9
D8
TM1AL
D7
D6
D5
D4
D3
D2
D1
D0
TM1AH
¾¾¾¾¾¾
D9
D8
TM1BL
D7
D6
D5
D4
D3
D2
D1
D0
TM1BH
¾¾¾¾¾¾
D9
D8
10-bit Enhanced TM Register List (if ETM is TM1)
· 10-bit Enhanced TM Register List - HT68F30/HT68F40/HT68F50/HT68F60
¨ TM1C0 Register - 10-bit ETM
Bit
76543210
Name
T1PAU
T1CK2
T1CK1
T1CK0
T1ON
T1RP2
T1RP1
T1RP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
T1PAU: TM1 Counter Pause Control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores normal
counter operation. When in a Pause condition the TM will remain powered up and continue to
consume power. The counter will retain its residual value when this bit changes from low to high
and resume counting from this value when the bit changes to a low value again.
Bit 6~4
T1CK2~T1CK0: Select TM1 Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Reserved
110: TCK1 rising edge clock
111: TCK1 falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved clock
input will effectively disable the internal counter. The external pin clock source can be chosen to
be active on the rising or falling edge. The clock source fSYS is the system clock, while fH and
fTBC are other internal clocks, the details of which can be found in the oscillator section.
Bit 3
T1ON: TM1 Counter On/Off Control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the counter to
run, clearing the bit disables the TM. Clearing this bit to zero will stop the counter from counting
and turn off the TM which will reduce its power consumption. When the bit changes state from
low to high the internal counter value will be reset to zero, however when the bit changes from
high to low, the internal counter will retain its residual value until the bit returns high again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com