Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 106Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 107Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 108Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 109Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev.1.10
110
February 1, 2010
In the Compare Match Output Mode, the T1AIO1 and T1AIO0 bits determine how the TM
output pin changes state when a compare match occurs from the Comparator A. The TM output
pin can be setup to switch high, switch low or to toggle its present state when a compare match
occurs from the Comparator A. When the bits are both zero, then no change will take place on
the output. The initial value of the TM output pin should be setup using the T1AOC bit in the
TM1C1 register. Note that the output level requested by the T1AIO1 and T1AIO0 bits must be
different from the initial value setup using the T1AOC bit otherwise no change will occur on the
TM output pin when a compare match occurs. After the TM output pin changes state it can be
reset to its initial level by changing the level of the T1ON bit from low to high.
Bit 3
T1AOC: TP1A Output control bit
Compare Match Output Mode
0: Initial low
1: Initial high
PWM Mode/ Single Pulse Output Mode
0: Active low
1: Active high
This is the output control bit for the TM output pin. Its operation depends upon whether TM is
being used in the Compare Match Output Mode or in the PWM Mode/ Single Pulse Output Mode.
It has no effect if the TM is in the Timer/Counter Mode. In the Compare Match Output Mode it
determines the logic level of the TM output pin before a compare match occurs. In the PWM
Mode it determines if the PWM signal is active high or active low.
Bit 2
T1APOL: TP1A Output polarity Control
0: Non-invert
1: Invert
This bit controls the polarity of the TP1A output pin. When the bit is set high the TM output pin
will be inverted and not inverted when the bit is zero. It has no effect if the TM is in the
Timer/Counter Mode.
Bit 1
T1CDN: TM1 Counter count up or down flag
0: Count up
1: Count down
Bit 0
T1CCLR: Select TM1 Counter clear condition
0: TM1 Comparator P match
1: TM1 Comparator A match
This bit is used to select the method which clears the counter. Remember that the Enhanced
TM contains two comparators, Comparator A and Comparator P, either of which can be selected
to clear the internal counter. With the T1CCLR bit set high, the counter will be cleared when a
compare match occurs from the Comparator A. When the bit is low, the counter will be cleared
when a compare match occurs from the Comparator P or with a counter overflow. A counter
overflow clearing method can only be implemented if the CCRP bits are all cleared to zero. The
T1CCLR bit is not used in the PWM, Single Pulse or Input Capture Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com