Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 110Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 111Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 112Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 113Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 114Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 115Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 116Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 117Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev.1.10
114
February 1, 2010
As the name of the mode suggests, after a comparison
is made, the TM output pin, will change state. The TM
output pin condition however only changes state when
an TnAF or TnBF interrupt request flag is generated af-
ter a compare match occurs from Comparator A or Com-
parator B. The TnPF interrupt request flag, generated
from a compare match from Comparator P, will have no
effect on the TM output pin. The way in which the TM
output pin changes state is determined by the condition
of the TnAIO1 and TnAIO0 bits in the TMnC1 register for
ETM CCRA, and the TnBIO1 and TnBIO0 bits in the
TMnC2 register for ETM CCRB. The TM output pin can
be selected using the TnAIO1, TnAIO0 bits (for the
TPnA pin) and TnBIO1, TnBIO0 bits (for the TPnB_0,
TPnB_1 or TPnB_2 pins) to go high, to go low or to tog-
gle from its present condition when a compare match
occurs from Comparator A or a compare match occurs
from Comparator B. The initial condition of the TM out-
put pin, which is setup after the TnON bit changes from
low to high, is setup using the TnAOC or TnBOC bit for
TPnA or TPnB_0, TPnB_1, TPnB_2 output pins. Note
that if the TnAIO1,TnAIO0 and TnBIO1, TnBIO0 bits are
zero then no pin change will take place.
ETM CCRA Compare Match Output Mode
- TnCCLR = 0
Note:
1. With TnCCLR = 0 the Comparator P match will clear the counter
2. TPnA output pin controlled only by TnAF flag
3. Output pin reset to initial state by TnON bit rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com