Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 175 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 175 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 171Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 172Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 173Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 174Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 175Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 176Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 177Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 178Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 179Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 232 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
RPH
Pull-high Resistance for SCS only
3.0V
¾
20
60
100
k
W
5.0V
10
30
50
k
W
Note:
²*² The operating current IDD1 listed here is the additional current consumed when the slave SPI interface in the
UART module is enabled and the UART interface is disabled. Similarly, the operating current IDD2 here is the
additional current consumed when both the slave SPI interface and UART interface are enabled. If the UART
module is enabled, either IDD1 or IDD2 should be added to calculate the relevant operating current of the device
for different conditions. To calculate the standby current for the whole device, the standby current shown above
should be taken into account.
UART Module A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tCP
SCK Period (tCH +tCL)
3.0V
¾
62.5
¾¾
ns
5.0V
¾
50.0
¾¾
ns
tCH
SCK High Time
3.0V
¾
28
¾¾
ns
5.0V
¾
22
¾¾
ns
tCL
SCK Low Time
3.0V
¾
28
¾¾
ns
5.0V
¾
22
¾¾
ns
tCSW
SCS High Pulse Width
3.0V
¾
500
¾¾
ns
5.0V
¾
400
¾¾
ns
tCSS
SCS to SCK Setup Time
¾¾
100
¾¾
ns
tCSH
SCS to SCK Hold Time
¾¾
0
¾¾
ns
tSDS
SDI to SCK Setup Time
¾¾
100
¾¾
ns
tSDH
SDI to SCK Hold Time
¾¾
0
¾¾
ns
tR
SPI Output Rise Time
¾¾
¾
10
¾
ns
tF
SPI Output Fall Time
¾¾
¾
10
¾
ns
tW
SPI Data Output Delay Time
¾¾
0
¾¾
ns
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
175
February 1, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com