Electronic Components Datasheet Search
  English  ▼

X  

HT68F20 Datasheet(PDF) 179 Page - Holtek Semiconductor Inc

Part # HT68F20
Description  Enhanced I/O Flash Type MCU 8-Bit MCU with EEPROM
PDF  232 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT68F20 Datasheet(HTML) 179 Page - Holtek Semiconductor Inc

Back Button HT68F20 Datasheet HTML 175Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 176Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 177Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 178Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 179Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 180Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 181Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 182Page - Holtek Semiconductor Inc HT68F20 Datasheet HTML 183Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 232 page
background image
HT68F20/HT68F30/HT68F40/HT68F50/HT68F60
HT68FU30/HT68FU40/HT68FU50/HT68FU60
Rev. 1.10
179
February 1, 2010
Bit 5
FERR: Framing error flag
0: no framing error is detected
1: framing error is detected
The FERR flag is the framing error flag. When this read only flag is
²0², it indicates that there
is no framing error. When the flag is
²1², it indicates that a framing error has been detected
for the current character. The flag can also be cleared by a software sequence which will involve
a read to the status register USR followed by an access to the RXR data register.
Bit 4
OERR: Overrun error flag
0: no overrun error is detected
1: overrun error is detected
The OERR flag is the overrun error flag which indicates when the receiver buffer has overflowed.
When this read only flag is
²0², it indicates that there is no overrun error. When the flag is
²1², it indicates that an overrun error occurs which will inhibit further transfers to the RXR
receive data register. The flag is cleared by a software sequence, which is a read to the status
register USR followed by an access to the RXR data register.
Bit 3
RIDLE: Receiver status
0: data reception is in progress (data being received)
1: no data reception is in progress (receiver is idle)
The RIDLE flag is the receiver status flag. When this read only flag is
²0², it indicates that the
receiver is between the initial detection of the start bit and the completion of the stop bit. When
the flag is
²1², it indicates that the receiver is idle. Between the completion of the stop bit and
the detection of the next start bit, the RIDLE bit is
²1² indicating that the UART receiver is idle
and the RX pin stays in logic high condition.
Bit 2
RXIF: Receive RXR data register status
0: RXR data register is empty
1: RXR data register has available data
The RXIF flag is the receive data register status flag. When this read only flag is
²0², it indicates
that the RXR read data register is empty. When the flag is
²1², it indicates that the RXR read data
register contains new data. When the contents of the shift register are transferred to the RXR
register, an interrupt is generated if RIE=1 in the UCR2 register. If one or more errors are
detected in the received word, the appropriate receive-related flags NF, FERR, and/or PERR are
set within the same clock cycle. The RXIF flag is cleared when the USR register is read with
RXIF set, followed by a read from the RXR register, and if the RXR register has no data
available.
Bit 1
TIDLE: Transmission idle
0: data transmission is in progress (data being transmitted)
1: no data transmission is in progress (transmitter is idle)
The TIDLE flag is known as the transmission complete flag. When this read only flag is
²0²,it
indicates that a transmission is in progress. This flag will be set to
²1² when the TXIF flag is
²1² and when there is no transmit data or break character being transmitted. When TIDLE is
equal to
²1², the TX pin becomes idle with the pin state in logic high condition. The TIDLE flag is
cleared by reading the USR register with TIDLE set and then writing to the TXR register. The flag
is not generated when a data character or a break is queued and ready to be sent.
Bit 0
TXIF: Transmit TXR data register status
0: character is not transferred to the transmit shift register
1: character has transferred to the transmit shift register (TXR data register is empty)
The TXIF flag is the transmit data register empty flag. When this read only flag is
²0²,it
indicates that the character is not transferred to the transmitter shift register. When the flag is
²1², it indicates that the transmitter shift register has received a character from the TXR data
register. The TXIF flag is cleared by reading the UART status register (USR) with TXIF set and
then writing to the TXR data register. Note that when the TXEN bit is set, the TXIF flag bit will
also be set since the transmit data register is not yet full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com