Electronic Components Datasheet Search
  English  ▼

X  

HT66FU40 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT66FU40
Description  Enhanced A/D Flash Type MCU 8-Bit MCU with EEPROM
PDF  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66FU40 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT66FU40 Datasheet HTML 17Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 18Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 19Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 20Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 21Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 22Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 23Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 24Page - Holtek Semiconductor Inc HT66FU40 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 246 page
background image
HT66F20/HT66F30/HT66F40/HT66F50/HT66F60
HT66FU30/HT66FU40/HT66FU50/HT66FU60
Rev. 1.10
21
February 1, 2010
Flash Program Memory
The Program Memory is the location where the user
code or program is stored. For this device series the
Program Memory is Flash type, which means it can be
programmed and re-programmed a large number of
times, allowing the user the convenience of code modifi-
cation on the same device. By using the appropriate
programming tools, these Flash devices offer users the
flexibility to conveniently debug and develop their appli-
cations while also offering a means of field programming
and updating.
Structure
The Program Memory has a capacity of 1K
´14 bits to
12K
´16 bits. The Program Memory is addressed by the
Program Counter and also contains data, table informa-
tion and interrupt entries. Table data, which can be
setup in any location within the Program Memory, is ad-
dressed by a separate table pointer register.
Device
Capacity
Banks
HT66F20
1K
´14
0
HT66F30
2K
´14
0
HT66F40
4K
´15
0
HT66F50
8K
´16
0
HT66F60
12K
´16
0, 1
The HT66F60 has its Program Memory divided into two
Banks, Bank 0 and Bank 1. The required Bank is se-
lected using Bit 5 of the BP Register.
Special Vectors
Within the Program Memory, certain locations are re-
served for the reset and interrupts. The location 000H is
reserved for use by the device reset for program initialis-
ation. After a device reset is initiated, the program will
jump to this location and begin execution.
Look-up Table
Any location within the Program Memory can be defined
as a look-up table where programmers can store fixed
data. To use the look-up table, the table pointer must
first be setup by placing the address of the look up data
to be retrieved in the table pointer register, TBLP and
TBHP. These registers define the total address of the
look-up table.
After setting up the table pointer, the table data can be
retrieved from the Program Memory using the
²TABRD[m]² or ²TABRDL[m]² instructions, respectively.
When the instruction is executed, the lower order table
byte from the Program Memory will be transferred to the
user defined Data Memory register [m] as specified in
the instruction. The higher order table data byte from the
Program Memory will be transferred to the TBLH special
register. Any unused bits in this transferred higher order
byte will be read as
²0².
The accompanying diagram illustrates the addressing
data flow of the look-up table.
Table Program Example
The following example shows how the table pointer and
table data is defined and retrieved from the
microcontroller. This example uses raw table data lo-
cated in the Program Memory which is stored there us-
I n t e r r u p t
V e c t o r
0 0 0 4 H
0 3 F F H
1 4 b i t s
0 0 2 C H
I n t e r r u p t
V e c t o r
1 4 b i t s
0 7 F F H
I n t e r r u p t
V e c t o r
1 5 b i t s
I n t e r r u p t
V e c t o r
1 6 b i t s
I n t e r r u p t
V e c t o r
R e s e t
0 0 0 0 H
H T 6 6 F 2 0
R e s e t
H T 6 6 F 3 0
R e s e t
H T 6 6 F 4 0
R e s e t
H T 6 6 F 5 0
R e s e t
H T 6 6 F 6 0
0 0 3 C H
B a n k 0
1 6 b i t s
0 F F F H
1 F F F H
1 F F F H
2 0 0 0 H
2 F F F H
B a n k 1
Program Memory Structure
R e g i s t e r T B L H
U s e r S e l e c t e d
R e g i s t e r
H i g h B y t e
L o w B y t e
T B L P R e g i s t e r
D a t a
1 4 ~ 1 6 b i t s
P r o g r a m M e m o r y
L a s t p a g e o r
T B H P R e g i s t e r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com